Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS161AFPEL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS161AFPEL
Description  Synchronous 4-bit Binary Counter (direct clear)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS161AFPEL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS161AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS161AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS161AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS161AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS161AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS161AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS161AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS161AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74LS161AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HD74LS161A
Rev.2.00, Feb.18.2005, page 4 of 10
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
Input voltage
VIL
0.8
V
VOH
2.7
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
0.4
IOL = 4 mA
Output voltage
VOL
0.5
V
IOL = 8 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
Data, Enable P
20
Load, Clock, Enable T
40
Clear
IIH
20
µA
VCC = 5.25 V, VI = 2.7 V
Data, Enable P
–0.4
Load, Clock, Enable T
–0.8
Clear
IIL
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
Data, Enable P
0.1
Load, Clock, Enable T
0.2
Input
current
Clear
II
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output current
IOS
–20
–100
mA
VCC = 5.25 V
ICCH
18
31
mA
VCC = 5.25 V
Supply current**
ICCL
19
32
mA
VCC = 5.25 V
Input clamp voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** ICCH is measured with the load input high, then again with the load input low, with all other inputs high and all
outputs open. ICCL is measured with the clock input high, then again with the clock input low, with all other
inputs low and all outputs open.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
Maximum clock frequency
ƒmax
Clock
QA to QD
25
32
MHz
tPLH
20
35
ns
tPHL
Clock
Ripple
Carry
18
35
ns
tPLH
13
24
ns
tPHL
Clock
(Load = “H”)
QA to QD
18
27
ns
tPLH
13
24
ns
tPHL
Clock
(Load = “L”)
QA to QD
18
27
ns
tPLH
9
14
ns
tPHL
Enable T
Ripple
Carry
9
14
ns
Propagation delay time
tPHL
Clear
QA to QD
20
28
ns
CL = 15 pF,
RL = 2 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com