Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS164 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS164
Description  8-Bit Parallel-Out Serial-in Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS164 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS164 Datasheet HTML 1Page - Renesas Technology Corp HD74LS164 Datasheet HTML 2Page - Renesas Technology Corp HD74LS164 Datasheet HTML 3Page - Renesas Technology Corp HD74LS164 Datasheet HTML 4Page - Renesas Technology Corp HD74LS164 Datasheet HTML 5Page - Renesas Technology Corp HD74LS164 Datasheet HTML 6Page - Renesas Technology Corp HD74LS164 Datasheet HTML 7Page - Renesas Technology Corp HD74LS164 Datasheet HTML 8Page - Renesas Technology Corp HD74LS164 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74LS164
Rev.2.00, Feb.18.2005, page 5 of 8
Testing Method
Test Circuit
4.5V
QA
Load circuit 1
Output
VCC
RL
CL
Input
P.G.
Zout = 50
Ω
Input
P.G.
Zout = 50
Ω
A
B
CK
CLR
QC
QD
QB
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
QH
Same as Load Circuit 1.
Output
GND
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).
Testing Table
Inputs
Outputs
Item
From
input to
output
CLR
CK
A
B
QA
QB
QC
QD
QE
QF
QG
QH
ƒmax
4.5V
IN
IN
4.5V
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
Clear
→Q
IN
IN
IN
4.5V
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
tPLH
tPHL
CK
→Q
4.5V
IN
IN
4.5V
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com