Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS164P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS164P
Description  8-Bit Parallel-Out Serial-in Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS164P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS164P Datasheet HTML 1Page - Renesas Technology Corp HD74LS164P Datasheet HTML 2Page - Renesas Technology Corp HD74LS164P Datasheet HTML 3Page - Renesas Technology Corp HD74LS164P Datasheet HTML 4Page - Renesas Technology Corp HD74LS164P Datasheet HTML 5Page - Renesas Technology Corp HD74LS164P Datasheet HTML 6Page - Renesas Technology Corp HD74LS164P Datasheet HTML 7Page - Renesas Technology Corp HD74LS164P Datasheet HTML 8Page - Renesas Technology Corp HD74LS164P Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Feb.18.2005, page 1 of 8
HD74LS164
8-Bit Parallel-Out Serial-in Shift Register
REJ03D0448–0200
Rev.2.00
Feb.18.2005
This 8-bit shift register features gated serial inputs and an asynchronous clear. The gated serial inputs (A and B) permit
complete control over incoming data as a low at either (or both) input(s) inhibits entry of the new data and resets the
first flip-flop to the low level at the next clock pulse. A high-level input enables the other input which will them
determine the state of the first flip-flop. Data at the serial inputs may be changed while the clock is high or low, but
only information meeting the setup requirements will be entered. Clocking occurs on the low-to-high-level transition of
the clock input.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS164P
DILP-14 pin
PRDP0014AB-B
(DP-14AV)
P
—
HD74LS164FPEL
SOP-14 pin (JEITA)
PRSP0014DF-B
(FP-14DAV)
FP
EL (2,000 pcs/reel)
HD74LS164RPEL
SOP-14 pin (JEDEC)
PRSP0014DE-A
(FP-14DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
GND
1
2
3
4
5
6
7
14
8
9
10
11
12
13
A
B
QA
QB
CK
QC
QD
QD
VCC
QH
A
QG
QG
QF
QF
Clear
QH
QE
QE
QA
QB
B
QC
Clock
CLR
Outputs
Outputs
Serial
Inputs


Similar Part No. - HD74LS164P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS164P RENESAS-HD74LS164P Datasheet
121Kb / 11P
8-Bit Parallel-Out Serial-in Shift Register
More results

Similar Description - HD74LS164P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com