Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS174P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS174P
Description  Hex / Quadruple D-type Flip-Flops (with clear)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS174P Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS174P Datasheet HTML 1Page - Renesas Technology Corp HD74LS174P Datasheet HTML 2Page - Renesas Technology Corp HD74LS174P Datasheet HTML 3Page - Renesas Technology Corp HD74LS174P Datasheet HTML 4Page - Renesas Technology Corp HD74LS174P Datasheet HTML 5Page - Renesas Technology Corp HD74LS174P Datasheet HTML 6Page - Renesas Technology Corp HD74LS174P Datasheet HTML 7Page - Renesas Technology Corp HD74LS174P Datasheet HTML 8Page - Renesas Technology Corp HD74LS174P Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74LS174 / HD74LS175
Rev.3.00, Jul.15.2005, page 5 of 8
Switching Characteristics
• HD74LS174
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
Maximum clock frequency
ƒmax
Clock
Q
30
40
—
MHz
tPHL
Clear
Q
—
23
35
tPLH
Clock
Q
—
20
30
Propagation delay time
tPHL
Clock
Q
—
21
30
ns
CL = 15 pF,
RL = 2 k
Ω
• HD74LS175
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
Maximum clock frequency
ƒmax
Clock
Q,
Q
30
40
—
MHz
tPLH
Q
—
16
25
tPHL
Clear
Q
—
20
30
tPLH
Clock
Q,
Q
—
13
25
Propagation delay time
tPHL
Clock
Q,
Q
—
16
25
ns
CL = 15 pF,
RL = 2 k
Ω
Testing Method
Test Circuit
Q
Load circuit 1
Out
VCC
RL
CL
In
P.G.
Zout = 50
Ω
In
P.G.
Zout = 50
Ω
D
CLR
Q
Same as Load Circuit 1.
Out
CK
Notes:
1.
Test is put into the each flip-flop.
2.
CL includes probe and jig capacitance.
3.
All diodes are 1S2074(H).
Testing Table
Inputs
Outputs
Item
From input to output
CLR
CK
D
Q
Q
ƒmax
CK
→Q, Q*
4.5 V
IN
IN
CK
→Q, Q*
4.5 V
IN
IN
tPLH
tPHL
CLR
→Q, Q*
IN
IN
4.5 V
OUT
OUT
Note:
*. HD74LS175 only



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com