Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS191P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74LS191P
Description  Synchronous Up / Down 4-bit Binary Counter (single clock line)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS191P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74LS191P Datasheet HTML 3Page - Renesas Technology Corp HD74LS191P Datasheet HTML 4Page - Renesas Technology Corp HD74LS191P Datasheet HTML 5Page - Renesas Technology Corp HD74LS191P Datasheet HTML 6Page - Renesas Technology Corp HD74LS191P Datasheet HTML 7Page - Renesas Technology Corp HD74LS191P Datasheet HTML 8Page - Renesas Technology Corp HD74LS191P Datasheet HTML 9Page - Renesas Technology Corp HD74LS191P Datasheet HTML 10Page - Renesas Technology Corp HD74LS191P Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HD74LS191
Rev.2.00, Feb.18.2005, page 9 of 10
Waveforms 4
Clock
→Q
Load
Data
(A to D)
Down/Up
Clock
Q
Enable = 0V
1.3V
1.3V
1.3V
1.3V
tPHL
tPLH
VOH
VOL
0V
3V
0V
3V
0V
3V
0V
3V
Waveforms 5
Clock
→Max / Min
Load
Inputs
A
B, C, D
Down/Up
Clock
Max/Min
Enable = 0V
1.3V
1.3V
1.3V
1.3V
tPHL
tPLH
VOH
VOL
0V
3V
0V
3V
0V
3V
0V
3V
0V
3V
1.3V
1.3V
1.3V
1.3V
tPHL
tPLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com