Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS192 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LS192
Description  Synchronous Up / Down Decade Counter (dual clock lines)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS192 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LS192 Datasheet HTML 3Page - Renesas Technology Corp HD74LS192 Datasheet HTML 4Page - Renesas Technology Corp HD74LS192 Datasheet HTML 5Page - Renesas Technology Corp HD74LS192 Datasheet HTML 6Page - Renesas Technology Corp HD74LS192 Datasheet HTML 7Page - Renesas Technology Corp HD74LS192 Datasheet HTML 8Page - Renesas Technology Corp HD74LS192 Datasheet HTML 9Page - Renesas Technology Corp HD74LS192 Datasheet HTML 10Page - Renesas Technology Corp HD74LS192 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74LS192
Rev.2.00, Feb.18.2005, page 7 of 10
Waveforms 1
ƒ
max, tPLH, tPHL, (Count Up)
(Measure at tn + 10)
(Measure at
tn + 10)
(Measure at
tn + 1)
(Measure at
tn + 8)
(Measure at
tn + 4)
(Measure before
1 clock of tn + 10)
(Measure at
tn + 2)
Carry
Outputs
Count
Up
1.3V 1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
QA
QB
QC
QD
tTLH
tPLH
tPHL
tPLH (Measure at tn + 2)
tPLH (Measure at tn + 4)
tPLH (Measure at tn + 8)
tPLH
tPHL
tPHL
tPHL
tPHL
tw (L)
tw (H)
tTHL
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
0V
3V
10%
10%
90%
90%
Notes:
1.
Input pulse; tTLH, tTHL
≤ 7 ns, PRR = 500 kHz (Data input). PRR = 1 MHz (except data input)
Duty cycle = 50%
2.
for
ƒ
max tTLH, tTHL
≤ 2.5 ns.
3.
tn is reference bit time when all outputs are low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com