Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS193P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS193P
Description  Synchronous Up / Down Decade Counter (dual clock lines)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS193P Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LS193P Datasheet HTML 2Page - Renesas Technology Corp HD74LS193P Datasheet HTML 3Page - Renesas Technology Corp HD74LS193P Datasheet HTML 4Page - Renesas Technology Corp HD74LS193P Datasheet HTML 5Page - Renesas Technology Corp HD74LS193P Datasheet HTML 6Page - Renesas Technology Corp HD74LS193P Datasheet HTML 7Page - Renesas Technology Corp HD74LS193P Datasheet HTML 8Page - Renesas Technology Corp HD74LS193P Datasheet HTML 9Page - Renesas Technology Corp HD74LS193P Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HD74LS193
Rev.2.00, Feb.18.2005, page 6 of 11
Testing Method
Test Circuit
4.5V
Borrow
Load circuit 1
Output
VCC
RL
CL
Input
P.G.
Zout = 50
Ω
A
B
Clear
Down
C
D
Load
QA
QB
QC
QD
Carry
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Up
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).
Testing Table
Inputs
Item
From input to output
CLR
Load
Up
Down
A
B
C
D
Up Count
GND
4.5V
IN
4.5V
GND
GND
GND
GND
ƒmax
Down Count
GND
4.5V
4.5V
IN
GND
GND
GND
GND
Up Count
GND
4.5V
IN
4.5V
GND
GND
GND
GND
Down Count
GND
4.5V
4.5V
IN
GND
GND
GND
GND
Load
→Q
GND
IN
GND
GND
IN
IN
IN
IN
tPLH
tPHL
Clear
→Q
IN
IN*
GND
GND
4.5V
4.5V
4.5V
4.5V
Note:
*. For initialized
Outputs
Item
From input to output
QA
QB
QC
QD
Carry
Borrow
Up Count
OUT
OUT
OUT
OUT
OUT
—
ƒmax
Down Count
OUT
OUT
OUT
OUT
—
OUT
Up Count
OUT
OUT
OUT
OUT
OUT
—
Down Count
OUT
OUT
OUT
OUT
—
OUT
Load
→Q
OUT
OUT
OUT
OUT
—
—
tPLH
tPHL
Clear
→Q
OUT
OUT
OUT
OUT
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com