Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS194AP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS194AP
Description  4-bit Bidirectional Universal Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS194AP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS194AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS194AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74LS194A
Rev.3.00, Jul.15.2005, page 5 of 7
Testing Table
Inputs
Item
From input to output
CLR
S1
S0
CK
L
R
A
B
C
D
right-shift
4.5V
4.5V
GND
IN
4.5V
IN
GND
GND
GND
GND
ƒmax
left-shift
4.5V
GND
4.5V
IN
IN
4.5V
GND
GND
GND
GND
Clear
→Q
IN
4.5V
4.5V
IN
GND
GND
4.5V
4.5V
4.5V
4.5V
4.5V
4.5V
GND
IN
4.5V
IN
GND
GND
GND
GND
tPLH
tPHL
Clock
→Q
4.5V
4.5V
GND
IN
IN
4.5V
GND
GND
GND
GND
Outputs
Item
From input to output
QA
QB
QC
QD
right-shift
OUT
OUT
OUT
OUT
ƒmax
left-shift
OUT
OUT
OUT
OUT
Clear
→Q
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
tPLH
tPHL
Clock
→Q
OUT
OUT
OUT
OUT
Waveforms 1
(
ƒ
max, CK
→Q)
CK
1.3V 1.3V
1.3V
L, R
Q
tTLH
tw (CK)
tn
tn+1
tTHL
VOH
VOL
0V
3V
0V
3V
10%
10%
90%
1.3V
1.3V
1.3V
1.3V
1.3V
tPHL
1.3V
tPHL
1.3V
tPLH
1.3V
tPLH
tn
tn+1
1.3V
tTLH
10%
90%
90%
tTHL
tsu
tsu
th
th
10%
90%
Notes:
1.
Right-shift is measured with QA at tn + 1, QB at tn + 2, QC at tn + 3, and QD at tn + 4. Left-shift is
measured with QA at tn + 4, QB at tn + 3, QC at tn + 2, and QD at tn + 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com