Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS194AFPEL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS194AFPEL
Description  4-bit Bidirectional Universal Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS194AFPEL Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LS194AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS194AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS194AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS194AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS194AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS194AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74LS194AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74LS194AFPEL Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HD74LS194A
Rev.3.00, Jul.15.2005, page 6 of 7
Waveforms 2
(Clear
→Q)
CK
Clear
Q
1.3V
1.3V
1.3V
1.3V
tTHL
tTLH
tTHL
tPHL
tw
tPLH
VOH
VOL
0V
3V
0V
3V
10%
10%
90%
10%
1.3V
1.3V
1.3V
tPLH
90%
90%
Notes: Input pulse; tTLH
≤ 15 ns, t
THL
≤ 6 ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com