Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS221 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS221
Description  Dual Monostable Multivibrators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS221 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS221 Datasheet HTML 1Page - Renesas Technology Corp HD74LS221 Datasheet HTML 2Page - Renesas Technology Corp HD74LS221 Datasheet HTML 3Page - Renesas Technology Corp HD74LS221 Datasheet HTML 4Page - Renesas Technology Corp HD74LS221 Datasheet HTML 5Page - Renesas Technology Corp HD74LS221 Datasheet HTML 6Page - Renesas Technology Corp HD74LS221 Datasheet HTML 7Page - Renesas Technology Corp HD74LS221 Datasheet HTML 8Page - Renesas Technology Corp HD74LS221 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.3.00, Jul.15.2005, page 1 of 8
HD74LS221
Dual Monostable Multivibrators
REJ03D0458–0300
Rev.3.00
Jul.15.2005
This multivibrator features a negative-transition-triggered input and a positive-transition-triggered input either of which
can be used as an inhibit input. Pulse triggering occurs at a particular voltage level and is not directly related to the
transition time of the input pulse. Schmitt-trigger input circuitry (TTL hysteresis) for B input allows jitter-free
triggering from inputs with transition rates as slow as 1 V/s, providing the circuit with excellent noise immunity of
typically 1.2 V. A high immunity to VCC noise of typically 1.5 V is also provided by internal latching circuitry. Once
fired, the outputs are independent of further transitions of the A and B inputs and are a function of the timing
components, or the output pulses can be terminated by the overriding clear. Input pulses may be of any duration
relative to the output pulse. Output rise and fall times are TTL compatible and independent of pulse length.
Typical triggering and clearing sequence are illustrated as a part of the switching characteristics waveforms. Pulse
width stability is achieved through internal compensation and is virtually independent of VCC and temperature.
In most applications, pulse stability will only be limited by the accuracy of external timing components. Jitter-free
operation is maintained over the full temperature and VCC range for more than six decades of timing capacitance (10 pF
to 10
µF) and more than one decade of timing resistance (2 kΩ to 100 kΩ).
Throughout these ranges, pulse width is defined by the relationship: tw (out) = Cext
• Rext • 1n 2.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS221P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS221RPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Note:
Please consult the sales office for the above package availability.


Similar Part No. - HD74LS221

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS221 HITACHI-HD74LS221 Datasheet
89Kb / 7P
Dual Monostable Multivibrators
HD74LS221 HITACHI-HD74LS221 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74LS221 HITACHI-HD74LS221 Datasheet
89Kb / 7P
Dual Monostable Multivibrators
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
Dual Retriggerable Monostable Multivibrators
HD74LV221A HITACHI-HD74LV221A Datasheet
88Kb / 19P
Dual Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV221A RENESAS-HD74LV221A Datasheet
114Kb / 14P
Dual Monostable Multivibrators
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
Dual Retriggerable Monostable Multivibrators
HD74HC423A RENESAS-HD74HC423A Datasheet
108Kb / 9P
Dual Retriggerable Monostable Multivibrators
HD74LV221A RENESAS-HD74LV221A_15 Datasheet
139Kb / 16P
Dual Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com