Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS240 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS240
Description  Octal Buffers / Line Drivers / Line Receivers (inverted three-state outputs)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS240 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS240 Datasheet HTML 1Page - Renesas Technology Corp HD74LS240 Datasheet HTML 2Page - Renesas Technology Corp HD74LS240 Datasheet HTML 3Page - Renesas Technology Corp HD74LS240 Datasheet HTML 4Page - Renesas Technology Corp HD74LS240 Datasheet HTML 5Page - Renesas Technology Corp HD74LS240 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HD74LS240
Rev.2.00, Feb.18.2005, page 2 of 5
Function Table
Inputs
Output
G
A
Y
H
X
Z
L
H
L
L
L
H
Note:
H; high level, L; low level, X; irrelevant, Z; off (high-impedance) state of a 3-state output
Block Diagram (1/2)
Y1
Y4
Y3
Y2
A1
A4
A3
A2
G
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
—
—
–15
mA
Output current
IOL
—
—
24
mA
Operating temperature
Topr
–20
25
75
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com