Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS242P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS242P
Description  Quadruple Bus Transceivers (with three-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS242P Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS242P Datasheet HTML 1Page - Renesas Technology Corp HD74LS242P Datasheet HTML 2Page - Renesas Technology Corp HD74LS242P Datasheet HTML 3Page - Renesas Technology Corp HD74LS242P Datasheet HTML 4Page - Renesas Technology Corp HD74LS242P Datasheet HTML 5Page - Renesas Technology Corp HD74LS242P Datasheet HTML 6Page - Renesas Technology Corp HD74LS242P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HD74LS242
Rev.3.00, Jul.15.2005, page 5 of 6
Waveforms 2
3 V
0 V
3 V
0 V
~
~ 4.5 V
~
~ 1.5 V
~
~ 1.5 V
~
~ 0 V
VOL
VOH
3 V
0 V
3 V
0 V
VOL
VOH
1.3 V
0.5 V
0.5 V
1.3 V
1.3 V
1.3 V
10 %
GAB
GBA
Waveform-a
Waveform-b
10 %
90 %
1.3 V
1.3 V
90 %
tZH
tZL
S1 open
S2 close
S1, S2 close
S1, S2 close
S1 close
S2 open
tLZ
tHZ
tTHL
tTLH
Notes:
1.
Input pulse: tTLH
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz, duty cycle 50%
2.
Waveform a is an output by internal conditions like "L" except for the case where an output is
disabled by output control.
3.
Waveform b is an output by internal conditions like "H" except for the case where an output is
disabled by output control.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com