Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS251 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS251
Description  1 of 8 Data Selector / Multiplexer (with strobe and three-state outputs)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS251 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS251 Datasheet HTML 1Page - Renesas Technology Corp HD74LS251 Datasheet HTML 2Page - Renesas Technology Corp HD74LS251 Datasheet HTML 3Page - Renesas Technology Corp HD74LS251 Datasheet HTML 4Page - Renesas Technology Corp HD74LS251 Datasheet HTML 5Page - Renesas Technology Corp HD74LS251 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.3.00, Jul.15.2005, page 1 of 5
HD74LS251
1 of 8 Data Selector / Multiplexer
(with strobe and three-state outputs)
REJ03D0467–0300
Rev.3.00
Jul.15.2005
This data selector / multiplexer contains full on-chip binary decoding to select one-of-eight data sources and features a
strobe-controlled 3-state output.
The strobe must be at a low logic level to enable this device. The 3-state outputs permit a number of outputs to be
connected to a common bus.
When the strobe input is high, both outputs are in a high-impedance state in which both the upper and lower transistors
of each totem-pole output are off, and the output neither drives nor loads the bus significantly. When the strobe is low,
the outputs are activated and operate as standard TTL totem-pole outputs.
To minimize the possibility that two outputs will attempt to take a common bus to opposite logic levels, the output
control circuitry is designed so that the average output disable time is shorter than the average output enable time.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS251P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS251FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
(Top view)
VCC
3
GND
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
D3
D2
S
C
W
D0
D1
D4
B
A
D6
D5
2
1
0
Y
W
Strobe
C
B
A
7
6
5
4
Y
D7
Data Inputs
Data Select
Data Inputs
Outputs


Similar Part No. - HD74LS251

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS251 HITACHI-HD74LS251 Datasheet
74Kb / 6P
1 of 8 Data Selectors/Multiplexers(with strobe and three-state outputs)
HD74LS251 HITACHI-HD74LS251 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS251

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74LS251 FAIRCHILD-DM74LS251 Datasheet
58Kb / 6P
3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74S151 FAIRCHILD-DM74S151 Datasheet
46Kb / 5P
1-of-8 Data Selector/Multiplexer with Complementary Outputs
logo
Hitachi Semiconductor
HD74LS251 HITACHI-HD74LS251 Datasheet
74Kb / 6P
1 of 8 Data Selectors/Multiplexers(with strobe and three-state outputs)
logo
Texas Instruments
74AC11151 TI-74AC11151 Datasheet
87Kb / 7P
1-OF-8 DATA SELECTOR/MULTIPLEXER
logo
National Semiconductor ...
DM54S251 NSC-DM54S251 Datasheet
121Kb / 6P
TRI-STATE 1 of 8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74LS151 RENESAS-HD74LS151 Datasheet
86Kb / 6P
1-of-8 Data Selector / Multiplexer (with strobe)
logo
Texas Instruments
74ACT11151 TI1-74ACT11151 Datasheet
88Kb / 6P
1-OF-8 DATA SELECTOR/MULTIPLEXER
SN74AS353B TI1-SN74AS353B Datasheet
233Kb / 9P
DUAL 1-OF-4 DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
74AC11151 TI1-74AC11151_09 Datasheet
102Kb / 7P
1-OF-8 DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com