Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS253 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS253
Description  Dual 4-line-to-1-line Data Selectors / Multiplexers (with three-state outputs)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS253 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS253 Datasheet HTML 1Page - Renesas Technology Corp HD74LS253 Datasheet HTML 2Page - Renesas Technology Corp HD74LS253 Datasheet HTML 3Page - Renesas Technology Corp HD74LS253 Datasheet HTML 4Page - Renesas Technology Corp HD74LS253 Datasheet HTML 5Page - Renesas Technology Corp HD74LS253 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HD74LS253
Rev.3.00, Jul.15.2005, page 4 of 5
Testing Method
Test Circuit
Y
G
Input
P.G.
Zout = 50
Ω
5k
Ω
S2
S1
Output
VCC
RL
CL
B
C1
C0
C2
C3
A
4.5V
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).
Waveform
Output
Control
Waveform 1
S1 closed,
S2 open
S1 and, S2 closed
S1 open, S2 closed
S1 and,
S2 closed
Waveform 2
1.3V
1.3V
1.3V
1.3V
0.5V
0.5V
tTHL
tTLH
tZL
tLZ
tHZ
tZH
VOH
VOH
VOL
VOL
0V
0V
0V
3V
3V
4.5V
10%
10%
90%
90%
1.5V
1.5V
Notes:
1.
Input pulse; tTLH
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz, duty cycle = 50%
2.
Waveform 1 is for an output with internal conditions such that the output is low except when
disabled by the output control.
3.
Waveform 2 is for an output with internal conditions such that the output is high except when
disabled by the output control.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com