Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS258 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS258
Description  Quadruple 2-line-to-1-line Data Selectors / Multiplexers (with three-state outputs)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS258 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS258 Datasheet HTML 1Page - Renesas Technology Corp HD74LS258 Datasheet HTML 2Page - Renesas Technology Corp HD74LS258 Datasheet HTML 3Page - Renesas Technology Corp HD74LS258 Datasheet HTML 4Page - Renesas Technology Corp HD74LS258 Datasheet HTML 5Page - Renesas Technology Corp HD74LS258 Datasheet HTML 6Page - Renesas Technology Corp HD74LS258 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HD74LS258
Rev.3.00, Jul.15.2005, page 3 of 6
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
V
Input voltage
VIL
—
—
0.8
V
VOH
2.4
—
—
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –2.6 mA
—
—
0.4
V
IOL = 4 mA
Output voltage
VOL
—
—
0.5
V
IOL = 8 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
IOZH
—
—
20
µA
VCC = 5.25 V, VIH = 2 V, VO = 2.4 V
Output Current
IOZL
—
—
–20
µA
VCC = 5.25 V, VIH = 2 V, VO = 0.4 V
S
—
—
40
µA
except S
IIH
—
—
20
µA
VCC = 5.25 V, VI = 2.7 V
S
—
—
–0.8
mA
except S
IIL
—
—
–0.4
mA
VCC = 5.25 V, VI = 0.4 V
S
—
—
0.2
mA
Input
current
except S
II
—
—
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit output current
IOS
–30
—
–130
mA
VCC = 5.25 V
All outputs high
—
—
7
mA
All outputs low
—
—
11
mA
Supply
current**
All outputs off
ICC
—
—
12
mA
VCC = 5.25 V
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** ICC is measured with all outputs open and all possible inputs grounded while achieving the stated output
conditions.
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Output
min.
typ.
max.
Unit
Condition
tPLH
—
12
18
tPHL
A, B
Y
—
12
18
ns
tPLH
—
14
21
Propagation delay time
tPHL
S
Y
—
14
21
ns
tZH
—
20
30
Output enable time
tZL
OC
Y
—
20
30
ns
CL = 15 pF,
RL = 2 k
Ω
tHZ
—
18
30
Output disable time
tLZ
OC
Y
—
16
25
ns
CL = 5 pF,
RL = 2 k
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com