Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS273P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS273P
Description  Octal D-type Positive-edge-triggered Flip-Flops (with Clear)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS273P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS273P Datasheet HTML 1Page - Renesas Technology Corp HD74LS273P Datasheet HTML 2Page - Renesas Technology Corp HD74LS273P Datasheet HTML 3Page - Renesas Technology Corp HD74LS273P Datasheet HTML 4Page - Renesas Technology Corp HD74LS273P Datasheet HTML 5Page - Renesas Technology Corp HD74LS273P Datasheet HTML 6Page - Renesas Technology Corp HD74LS273P Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74LS273
Rev.3.00, Jul.15.2005, page 2 of 6
Function Table
Inputs
Output
Clear
Clock
D
Q
L
X
X
L
H
↑
H
H
H
↑
L
L
H
L
X
Q0
Notes: H; high level, L; low level, X; irrelevant
↑; transition from low to high level
Q0; level of Q before the indicated steady-state input conditions were established.
Block Diagram
Clock (1)
Clear (2)
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
1D
2D
3D
4D
5D
6D
7D
8D
Clear
D
CK
Q
Clear
D
CK
Q
Clear
D
CK
Q
Clear
D
CK
Q
Clear
D
CK
Q
Clear
D
CK
Q
Clear
D
CK
Q
Clear
D
CK
Q
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
—
—
–400
µA
Output current
IOL
—
—
8
mA
Operating temperature
Topr
–20
25
75
°C
Clock frequency
ƒclock
0
—
30
MHz
Clock pulse width
tw (clock)
20
—
—
ns
Clear pulse width
tw (clear)
20
—
—
ns
Data setup time
tsu (data)
20
↑
—
—
ns
Clear (inactive-state) setup time
tsu (clear)
25
↑
—
—
ns
Data hold time
th (data)
5
↑
—
—
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com