Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS279P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS279P
Description  Quadruple S-R Latches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS279P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS279P Datasheet HTML 1Page - Renesas Technology Corp HD74LS279P Datasheet HTML 2Page - Renesas Technology Corp HD74LS279P Datasheet HTML 3Page - Renesas Technology Corp HD74LS279P Datasheet HTML 4Page - Renesas Technology Corp HD74LS279P Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HD74LS279
Rev.4.00, May 10, 2006, page 4 of 4
Package Dimensions
7.62
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
19.2
6.3
5.06
A1
Z
b3
D
E
A
bp
c
θ
e
L
e1
0.51
0.56
1.30
0.19
0.25
0.31
2.29 2.54
2.79
0°
15°
20.32
7.4
0.40
0.48
1.12
2.54
1
p
3
1
8
16
9
e
b
Z
e
c
D
b
0.89
θ
( Ni/Pd/Au plating )
P-DIP16-6.3x19.2-2.54
1.05g
MASS[Typ.]
DP-16FV
PRDP0016AE-B
RENESAS Code
JEITA Package Code
Previous Code
0.80
0.15
1.27
7.50
8.00
0.40
0.34
A1
10.5
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8°
0°
0.12
1.15
10.06
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
L
A
*1
8
1
16
9
xM
p
*3
y
F
Index mark
b
D
Z
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
e
P-SOP16-5.5x10.06-1.27
0.24g
MASS[Typ.]
FP-16DAV
PRSP0016DH-B
RENESAS Code
JEITA Package Code
Previous Code



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com