Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS293 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LS293
Description  4-bit Binary Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS293 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LS293 Datasheet HTML 1Page - Renesas Technology Corp HD74LS293 Datasheet HTML 2Page - Renesas Technology Corp HD74LS293 Datasheet HTML 3Page - Renesas Technology Corp HD74LS293 Datasheet HTML 4Page - Renesas Technology Corp HD74LS293 Datasheet HTML 5Page - Renesas Technology Corp HD74LS293 Datasheet HTML 6Page - Renesas Technology Corp HD74LS293 Datasheet HTML 7Page - Renesas Technology Corp HD74LS293 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HD74LS293
Rev.3.00, Jul.15.2005, page 3 of 7
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
RO Inputs
7
V
Input voltage
A, B Inputs
VIN
5.5
V
Power dissipation
PT
400
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
—
—
–400
µA
Output current
IOL
—
—
8
mA
Operating temperature
Topr
–20
25
75
°C
A input
0
—
32
Count frequency
B input
ƒcount
0
—
16
MHz
A input
15
—
—
B input
30
—
—
Pulse width
Reset
inputs
tw
15
—
—
ns
Setup time
tsu
25
—
—
ns
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
—
—
V
Input voltage
VIL
—
—
0.8
V
VOH
2.7
—
—
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –400
µA
—
—
0.4
IOL = 4 mA**
Output voltage
VOL
—
—
0.5
V
IOL = 8 mA**
VCC = 4.75 V,
VIH = 2 V, VIL = 0.8 V
Any Reset
—
—
20
A input
—
—
40
B input
IIH
—
—
40
µA
VCC = 5.25 V, VI = 2.7 V
Any Reset
—
—
–0.4
A input
—
—
–2.4
B input
IIL
—
—
–1.6
mA
VCC = 5.25 V, VI = 0.4 V
Any Reset
—
—
0.1
VI = 7 V
A input
—
—
0.2
Input
current
B input
II
—
—
0.2
mA
VI = 5.5 V
VCC = 5.25 V
Short-circuit output current
IOS
–20
—
–100
mA
VCC = 5.25 V
Supply current***
ICC
—
9
15
mA
VCC = 5.25 V
Input clamp voltage
VIK
—
—
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** QA output is tested at specified IOL plus the limit value of IIL for the B input. This permits driving the B input
while maintaining full fan-out capability.
*** ICC is measured with all outputs open, both R0 inputs grounded following momentary connection to 4.5 V, and
all other inputs grounded.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com