Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS367AP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS367AP
Description  (non-inverted data outputs with three-state outputs)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS367AP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS367AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS367AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS367AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS367AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS367AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS367AP Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HD74LS367A
Rev.2.00, Feb.18.2005, page 2 of 5
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Output voltage (off-state)
VO (off)
5.5
V
Power dissipation
PT
400
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
–2.6
mA
Output current
IOL
24
mA
Operating temperature
Topr
–20
25
75
°C
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
Input voltage
VIL
0.8
V
VOH
2.4
V
VCC = 4.75 V, VIH = 2 V, VIL = 0.8 V,
IOH = –2.6 mA
0.5
IOL = 24 mA
Output voltage
VOL
0.4
V
IOL = 12 mA
VCC = 4.75 V, VIH = 2 V,
VIL = 0.8 V
20
VO = 2.4 V
Output current
IOZ
–20
µA
VO = 0.4 V
VCC = 5.25 V, VIH = 2 V,
VIL = 0.8 V
IIH
20
µA
VCC = 5.25 V, VI = 2.7 V
–20
µA
VI = 0.5 V, G inputs 2 V
–0.4
mA
VI = 0.4 V, G inputs 0.4 V
A inputs VCC = 5.25 V
IIL
–0.4
mA
G inputs V
CC = 5.25 V, VI = 0.4 V
Input current
II
0.1
mA
VCC = 5.25 V, VI = 7 V
Short-circuit
output current
IOS
–40
–225
mA
VCC = 5.25 V
Supply current
ICC**
14
24
mA
VCC = 5.25 V
Input clamp
voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** ICC is measured with data inputs grounded and output control inputs at 4.5 V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com