Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS368AP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS368AP
Description  Hex Bus Drivers (inverted data outputs with three-state outputs)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS368AP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS368AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS368AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS368AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS368AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS368AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS368AP Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HD74LS368A
Rev.2.00, Feb.18.2005, page 5 of 5
0.635
0.15
1.27
5.80
6.20
0.40
0.34
p
A 1
10.30
FP-16DNV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.75
1.27
0.60
0.40
3.95
0.25
0.14
0.10
0.46
0.25
0.20
0.15
6.10
8
°
0
°
0.25
1.08
9.90
0.15g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
e
L
A
P-SOP16-3.95x9.9-1.27
PRSP0016DG-A
Index mark
1
y
xM
p
*3
*1
F
8
9
16
D
Zb
Terminal cross section
( Ni/Pd/Au plating )
p
b
Detail F
1
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com