Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS367ARPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS367ARPEL
Description  (non-inverted data outputs with three-state outputs)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS367ARPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS367ARPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS367ARPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS367ARPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS367ARPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS367ARPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS367ARPEL Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00, Feb.18.2005, page 1 of 5
HD74LS367A
Hex Bus Drivers
(non-inverted data outputs with three-state outputs)
REJ03D0480–0200
Rev.2.00
Feb.18.2005
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS367AP
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS367AFPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
HD74LS367ARPEL
SOP-16 pin (JEDEC)
PRSP0016DG-A
(FP-16DNV)
RP
EL (2,500 pcs/reel)
Notes: 1. Please consult the sales office for the above package availability.
2. The packages with lead-free pins are distinguished from the conventional products by adding V at the end of
the package code.
Pin Arrangement
(Top view)
VCC
GND
Output
Control
G1
1A
1Y
2A
2Y
3A
3Y
Output
Control
G2
6A
5A
6Y
5Y
4A
4Y
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Function Table
G
A
Y
H
X
Z
L
L
L
L
H
H
Note:
H; high level, L; low level, X; irrelevant, Z; off (high-impedance) state of a 3-state output


Similar Part No. - HD74LS367ARPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS367A HITACHI-HD74LS367A Datasheet
54Kb / 6P
Hex Bus Drivers(non-inverted data outputs with three-state outputs)
HD74LS367A HITACHI-HD74LS367A Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS367ARPEL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
TC7W241FU TOSHIBA-TC7W241FU Datasheet
188Kb / 4P
NON-INVERTED, 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC368 HITACHI-HD74HC368 Datasheet
46Kb / 8P
Hex Bus Drivers (inverted Data Outputs with 3-state outputs)
HD74LS367A HITACHI-HD74LS367A Datasheet
54Kb / 6P
Hex Bus Drivers(non-inverted data outputs with three-state outputs)
HD74LS368A HITACHI-HD74LS368A Datasheet
54Kb / 6P
Hex Bus Drivers(inverted data outputs with three-state outputs)
logo
Toshiba Semiconductor
TC7MH367FK TOSHIBA-TC7MH367FK Datasheet
151Kb / 8P
TC7MH367FK Non-Inverted, 3-State Outputs TC7MH368FK Inverted, 3-State Outputs
TC7W241FU TOSHIBA-TC7W241FU_01 Datasheet
208Kb / 5P
NON-INVERTED, 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS368A RENESAS-HD74LS368A Datasheet
64Kb / 6P
Hex Bus Drivers (inverted data outputs with three-state outputs)
HD74HC368 RENESAS-HD74HC368 Datasheet
91Kb / 7P
Hex Bus Drivers (Inverted Data Outputs with 3-state outputs)
logo
Toshiba Semiconductor
TC74VHC240F TOSHIBA-TC74VHC240F_12 Datasheet
210Kb / 10P
Inverted, 3-State Outputs or Non-Inverted, 3-State Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com