Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS373P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS373P
Description  Octal D-type Transparent Latches (with three-state outputs)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS373P Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS373P Datasheet HTML 1Page - Renesas Technology Corp HD74LS373P Datasheet HTML 2Page - Renesas Technology Corp HD74LS373P Datasheet HTML 3Page - Renesas Technology Corp HD74LS373P Datasheet HTML 4Page - Renesas Technology Corp HD74LS373P Datasheet HTML 5Page - Renesas Technology Corp HD74LS373P Datasheet HTML 6Page - Renesas Technology Corp HD74LS373P Datasheet HTML 7Page - Renesas Technology Corp HD74LS373P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74LS373
Rev.2.00, Feb.18.2005, page 2 of 7
Function Table
Inputs
Output
Output control
Enable G
D
Q
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z
Notes: H; high level, L; low level, X; irrelevant
Q0; level of Q before the indicated steady-state input conditions were established
Z; off (high-impedance) state of a three-state output
Block Diagram
G
D
1D
Output
Control
2D
3D
4D
5D
6D
7D
8D
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
Enable
G
Q
G
D
Q
G
D
Q
G
D
Q
G
D
Q
G
D
Q
G
D
Q
G
D
Q
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
Output voltage
VOH
—
—
5.5
V
IOH
—
—
–2.6
mA
Output current
IOL
—
—
24
mA
Operating temperature
Topr
–20
25
75
°C
“H” Level
15
—
—
ns
Enable pulse width
“L” Level
tw
15
—
—
ns
Data setup time
tsu
5
↓
—
—
ns
Data hold time
th
20
↓
—
—
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com