Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2425 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SK2425
Description  Silicon N Channel MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2425 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK2425 Datasheet HTML 1Page - Renesas Technology Corp 2SK2425 Datasheet HTML 2Page - Renesas Technology Corp 2SK2425 Datasheet HTML 3Page - Renesas Technology Corp 2SK2425 Datasheet HTML 4Page - Renesas Technology Corp 2SK2425 Datasheet HTML 5Page - Renesas Technology Corp 2SK2425 Datasheet HTML 6Page - Renesas Technology Corp 2SK2425 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SK2425
Rev.2.00 Sep 07, 2005 page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
250
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
7
A
Drain peak current
ID(pulse)*
1
28
A
Body to drain diode reverse drain current
IDR
7
A
Channel dissipation
Pch*
2
30
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1 %
2. Value at Tc = 25
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
250
—
—
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±30
—
—
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
—
—
±10
µA
VGS =
±25 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
250
µA
VDS =250 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
2.0
—
3.0
V
ID = 1 mA, VDS = 10 V
Static drain to source on state
resistance
RDS(on)
—
0.4
0.55
Ω
ID = 4 A, VGS = 10 V*
3
Forward transfer admittance
|yfs|
3.0
5.0
—
S
ID = 4 A, VDS = 10 V*
3
Input capacitance
Ciss
—
690
—
pF
Output capacitance
Coss
—
265
—
pF
Reverse transfer capacitance
Crss
—
45
—
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Turn-on delay time
td(on)
—
13
—
ns
Rise time
tr
—
55
—
ns
Turn-off delay time
td(off)
—
65
—
ns
Fall time
tf
—
37
—
ns
ID = 4 A, VGS = 10 V,
RL = 7.5
Ω
Body to drain diode forward voltage
VDF
—
1.0
—
V
IF = 7 A, VGS = 0
Body to drain diode reverse
recovery time
trr
—
180
—
ns
IF = 7 A, VGS = 0,
diF / dt = 100 A /
µs
Note:
3. Pulse Test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com