Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS2DPFS20V Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS2DPFS20V
Description  P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET™ II MOSFET PLUS SCHOTTKY DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS2DPFS20V Datasheet(HTML) 2 Page - STMicroelectronics

  STS2DPFS20V Datasheet HTML 1Page - STMicroelectronics STS2DPFS20V Datasheet HTML 2Page - STMicroelectronics STS2DPFS20V Datasheet HTML 3Page - STMicroelectronics STS2DPFS20V Datasheet HTML 4Page - STMicroelectronics STS2DPFS20V Datasheet HTML 5Page - STMicroelectronics STS2DPFS20V Datasheet HTML 6Page - STMicroelectronics STS2DPFS20V Datasheet HTML 7Page - STMicroelectronics STS2DPFS20V Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STS2DPFS20V
2/8
TERMAL DATA
(*) When Mounted on 1 inch2 FR-4 board, 2 oz of Cu and t
[ 10 sec
ELECTRICAL CHARACTERISTICS (Tcase = 25 °C unless otherwise specified)
OFF
ON (1)
SCHOTTCKY STATIC ELECTRICAL CHARACTERISTICS
DYNAMIC
Rthj-amb
Rthj-amb
Tstg
Tj
(*)Thermal Resistance Junction-ambient MOSFET
(*)Thermal Resistance Junction-ambient SCHOTTKY
Storage Temperature Range
Maximum Lead Temperature For Soldering Purpose
MAX
62.5
100
-55 to 150
150
oC/W
oC/W
oC
oC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
20
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 12 V
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 250 µA
0.6
V
RDS(on)
Static Drain-source On
Resistance
VGS = 4.5 V
ID = 1 A
VGS = 2.7 V
ID = 1 A
0.14
0.20
0.20
0.25
Ω
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR(*)
Reversed Leakage Current
TJ= 25 oC
VR= 30 V
TJ= 125 oC
VR= 30 V
30
0.2
100
mA
mA
VF(*)
Forward Voltage drop
TJ= 25 oC
IF= 3 A
TJ= 125 oC
IF= 3 A
0.40
0.51
0.46
mA
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (*)
Forward Transconductance
VDS= 15 V
ID=1 A
4S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer
Capacitance
VDS = 15V, f = 1 MHz, VGS = 0
315
87
17
pF
pF
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com