Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2619 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC2619
Description  Silicon NPN Epitaxial
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2619 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC2619 Datasheet HTML 1Page - Renesas Technology Corp 2SC2619 Datasheet HTML 2Page - Renesas Technology Corp 2SC2619 Datasheet HTML 3Page - Renesas Technology Corp 2SC2619 Datasheet HTML 4Page - Renesas Technology Corp 2SC2619 Datasheet HTML 5Page - Renesas Technology Corp 2SC2619 Datasheet HTML 6Page - Renesas Technology Corp 2SC2619 Datasheet HTML 7Page - Renesas Technology Corp 2SC2619 Datasheet HTML 8Page - Renesas Technology Corp 2SC2619 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SC2619
Rev.2.00 Aug 10, 2005 page 3 of 8
Main Characteristics
0
2
6
4
10
8
8
4
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
12
16
20
20
mA
40
60
80
100
IB = 0
0
2
6
4
10
8
0.4
0.2
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
0.6
0.8
1.0
VCE = 6 V
0
20
60
40
100
80
1.0
0.3
0.1
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
310
30
VCE = 6 V
0
1
3
2
5
4
1.0
0.5
0.2
Collector Current IC (mA)
Noise Figure vs. Collector Current
25
10
VCE = 6 V
Rg = 500 Ω
f = 1.0 MHz
0
50
100
150
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
150
100
50
0
4
16
12
8
24
20
1.0
0.5
0.1
0.2
Collector Current IC (mA)
Noise Figure vs. Signal Source Resistance
25
10
VCE = 6 V
Rg = 50 Ω
f = 100 MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com