Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2853 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC2853
Description  Silicon NPN Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2853 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC2853 Datasheet HTML 1Page - Renesas Technology Corp 2SC2853 Datasheet HTML 2Page - Renesas Technology Corp 2SC2853 Datasheet HTML 3Page - Renesas Technology Corp 2SC2853 Datasheet HTML 4Page - Renesas Technology Corp 2SC2853 Datasheet HTML 5Page - Renesas Technology Corp 2SC2853 Datasheet HTML 6Page - Renesas Technology Corp 2SC2853 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC2853
Rev.2.00 Aug 10, 2005 page 3 of 6
Main Characteristics
0
50
100
150
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
200
400
600
20
40
60
80
100
Collector to Emitter Voltage VCE (V)
0
20
16
12
8
4
Typical Output Characteristics
26
24
22
20
18
16
14
12
10
6
8
4
2
µA
IB = 0
4
8
12
16
20
Collector to Emitter Voltage VCE (V)
0
10
8
6
4
2
Typical Output Characteristics
18
16
14
12
10
8
6
4
2
µA
IB = 0
01.0
0.2
0.8
0.4
0.6
Base to Emitter Voltage VBE (V)
100
VCE = 6 V
Pulse
10
1.0
0.1
Typical Transfer Characteristics
Ta = 75
°C
25
°C
–25
°C
40
80
20
60
100
0
Collector to Base Voltage VCB (V)
1,000
100
10
1.0
0.1
Collector Cut-Off Current vs.
Collector to Base Voltage
Ta
=
75
C
25
–25
0100
20
80
60
40
Collector to Emitter Voltage VCE (V)
1,000
100
10
1.0
0.1
Collector Cut-Off Current vs. Collector to
Emitter Voltage
25
–25
Ta
= 75
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com