Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1LP0408CSB-7LI Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1LP0408CSB-7LI
Description  Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP0408CSB-7LI Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1LP0408CSB-7LI Datasheet HTML 1Page - Renesas Technology Corp R1LP0408CSB-7LI Datasheet HTML 2Page - Renesas Technology Corp R1LP0408CSB-7LI Datasheet HTML 3Page - Renesas Technology Corp R1LP0408CSB-7LI Datasheet HTML 4Page - Renesas Technology Corp R1LP0408CSB-7LI Datasheet HTML 5Page - Renesas Technology Corp R1LP0408CSB-7LI Datasheet HTML 6Page - Renesas Technology Corp R1LP0408CSB-7LI Datasheet HTML 7Page - Renesas Technology Corp R1LP0408CSB-7LI Datasheet HTML 8Page - Renesas Technology Corp R1LP0408CSB-7LI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
R1LP0408C-I Series
Rev.2.00, May.26.2004, page 5 of 12
Operation Table
WE#
CS#
OE#
Mode
VCC current
I/O0 to I/O7
Ref. cycle
×
H
×
Not selected
ISB, ISB1
High-Z
H
L
H
Output disable
ICC
High-Z
H
L
L
Read
ICC
Dout
Read cycle
L
L
H
Write
ICC
Din
Write cycle (1)
L
L
L
Write
ICC
Din
Write cycle (2)
Note:
H: VIH, L: VIL,
×: VIH or VIL
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage relative to VSS
VCC
−0.5 to +7.0
V
Terminal voltage on any pin relative to VSS
VT
−0.5*
1 to V
CC + 0.3*
2
V
Power dissipation
PT
0.7
W
Operating temperature
Topr
−40 to +85
°C
Storage temperature range
Tstg
−65 to +150
°C
Storage temperature range under bias
Tbias
−40 to +85
°C
Notes: 1. VT min:
−3.0 V for pulse half-width ≤ 30 ns.
2. Maximum voltage is +7.0 V.
DC Operating Conditions
(Ta =
−40 to +85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
VSS
0
0
0
V
Input high voltage
VIH
2.2
VCC + 0.3
V
Input low voltage
VIL
−0.3*
1
0.8
V
Note:
1. VIL min:
−3.0 V for pulse half-width ≤ 30 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com