Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3DPFS30 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STS3DPFS30
Description  P - CHANNEL 30V - 0.065ohm - 3A - S0-8 STripFETO MOSFET PLUS SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPFS30 Datasheet(HTML) 3 Page - STMicroelectronics

  STS3DPFS30 Datasheet HTML 1Page - STMicroelectronics STS3DPFS30 Datasheet HTML 2Page - STMicroelectronics STS3DPFS30 Datasheet HTML 3Page - STMicroelectronics STS3DPFS30 Datasheet HTML 4Page - STMicroelectronics STS3DPFS30 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 15 V
ID = 1.5 A
RG = 4.7
Ω
VGS = 10 V
(Resistive Load, see fig. 3)
15
29
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 15 V
ID = 3 A
VGS = 10 V
23
4.2
5.8
30
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
Vclamp = 24 V
ID = 3 A
RG = 4.7
Ω
VGS = 10 V
(Inductive Load, see fig. 5)
11
11
23
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDM(
•)
Source-drain Current
Source-drain
Current
(pulsed)
3
12
A
A
VSD (
∗)
Forward On Voltage
ISD = 3 A
VGS = 0
2
V
trr
Qrr
IRRM
Reverse
Recovery
Time
Reverse
Recovery
Charge
Reverse
Recovery
Current
ISD = 3 A
di/dt = 100 A/
µs
VDD = 15V
Tj = 150
oC
(see test circuit, figure 5)
34
45
2.6
ns
nC
Α
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
SCHOTTCKY STATIC ELETTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR(
∗)
Reversed
Leakage
Current
TJ= 25
oC
VR=30V
TJ= 125
oC
VR=30V
0.03
0.2
100
mA
mA
VF(
∗)
Forward Voltage drop
TJ= 25
oC
IF=3A
TJ= 125
oC
IF=3A
0.46
0.51
0.46
V
V
STS3DPFS30
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com