Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4264 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4264
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4264 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4264 Datasheet HTML 1Page - Renesas Technology Corp 2SC4264 Datasheet HTML 2Page - Renesas Technology Corp 2SC4264 Datasheet HTML 3Page - Renesas Technology Corp 2SC4264 Datasheet HTML 4Page - Renesas Technology Corp 2SC4264 Datasheet HTML 5Page - Renesas Technology Corp 2SC4264 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SC4264
Rev.3.00 Aug 10, 2005 page 5 of 5
Package Dimensions
A
S
M
x
e
A
EHE
L
L1
Q
c
D
b
AA
Pattern of terminal position areas
b2
l1
e1
e
A3
LP
S
A
A2
A1
Reference
Symbol
A
A1
A2
b
b1
c
c1
D
E
e
HE
L
LP
L1
x
b2
e1
l1
Q
0.8
0
0.8
0.25
0.1
1.8
1.15
1.8
0.3
0.1
0.2
0.32
0.25
0.9
0.3
0.13
0.11
2.0
1.25
0.65
2.1
1.5
0.2
1.1
0.1
1.0
0.4
0.15
2.2
1.35
2.4
0.7
0.5
0.6
0.05
0.45
0.9
Dimension in Millimeters
Min
Nom
Max
A3
SC-70
0.006g
MASS[Typ.]
CMPAK / CMPAKV
PTSP0003ZA-A
RENESAS Code
JEITA Package Code
Package Name
b
A-A Section
b1
c1
c
Ordering Information
Part Name
Quantity
Shipping Container
2SC4264GCTR-E
3000
φ 178 mm Reel, 8 mm Emboss Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com