Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30800SAFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M30800SAFP
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30800SAFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M30800SAFP Datasheet HTML 9Page - Renesas Technology Corp M30800SAFP Datasheet HTML 10Page - Renesas Technology Corp M30800SAFP Datasheet HTML 11Page - Renesas Technology Corp M30800SAFP Datasheet HTML 12Page - Renesas Technology Corp M30800SAFP Datasheet HTML 13Page - Renesas Technology Corp M30800SAFP Datasheet HTML 14Page - Renesas Technology Corp M30800SAFP Datasheet HTML 15Page - Renesas Technology Corp M30800SAFP Datasheet HTML 16Page - Renesas Technology Corp M30800SAFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
Page 13
6
5
f
o
5
0
0
2
,
1
0
.
v
o
N
0
1
.
1
.
v
e
R
0
1
1
0
-
8
3
0
0
B
3
0
J
E
R
p
u
o
r
G
0
8
/
C
2
3
M
2. Central Processing Unit (CPU)
2.1 General Registers
2.1.1 Data Registers (R0, R1, R2 and R3)
R0, R1, R2 and R3 are 16-bit registers for transfer, arithmetic and logic operations. R0 and R1 can be
split into high-order bits (R0H) and low-order bits (R0L) to be used separately as 8-bit data registers.
R0 can be combined with R2 to be used as a 32-bit data register (R2R0). The same applies to R1 and
R3.
2.1.2 Address Registers (A0 and A1)
A0 and A1 are 24-bit registers for A0-/A1-indirect addressing, A0-/A1-relative addressing, transfer, arith-
metic and logic operations.
2.1.3 Static Base Register (SB)
SB is a 24-bit register for SB-relative addressing.
2.1.4 Frame Base Register (FB)
FB is a 24-bit register for FB-relative addressing.
2.1.5 Program Counter (PC)
PC, 24 bits wide, indicates the address of an instruction to be executed.
2.1.6 Interrupt Table Register (INTB)
INTB is a 24-bit register indicating the starting address of an relocatable interrupt vector table.
2.1.7 User Stack Pointer (USP), Interrupt Stack Pointer (ISP)
The stack pointers (SP), USP and ISP, are 24 bits wide each. The U flag is used to switch between USP
and ISP. Refer to 2.1.8 Flag Register (FLG) for details on the U flag. Set USP and ISP to even
addresses to execute an interrupt sequence efficiently.
2.1.8 Flag Register (FLG)
FLG is a 16-bit register indicating a CPU state.
2.1.8.1 Carry Flag (C)
The C flag indicates whether carry or borrow has occurred after executing an instruction.
2.1.8.2 Debug Flag (D)
The D flag is for debug only. Set to "0".
2.1.8.3 Zero Flag (Z)
The Z flag is set to "1" when the value of zero is obtained from an arithmetic operation; otherwise "0".
2.1.8.4 Sign Flag (S)
The S flag is set to "1" when a negative value is obtained from an arithmetic operation; otherwise "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com