Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4537 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4537
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4537 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4537 Datasheet HTML 1Page - Renesas Technology Corp 2SC4537 Datasheet HTML 2Page - Renesas Technology Corp 2SC4537 Datasheet HTML 3Page - Renesas Technology Corp 2SC4537 Datasheet HTML 4Page - Renesas Technology Corp 2SC4537 Datasheet HTML 5Page - Renesas Technology Corp 2SC4537 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC4537
Rev.3.00 Aug 10, 2005 page 3 of 5
Main Characteristics
0
50
100
150
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
150
100
50
Typical Output Characteristics
20
16
12
8
4
0
Collector to Emitter Voltage VCE (V)
2468
10
Pulse
IB = 25 µA
50
75
100
125
150
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
12
5
10
20
50
0
40
80
120
160
200
VCE = 5 V
Gain Bandwidth Product vs.
Collector Current
Collector Current IC (mA)
12
5
10
20
50
0
2
4
6
8
10
VCE = 5 V
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
12
5
10
20
50
0
0.4
0.8
1.2
1.6
2.0
f = 1 MHz
IE = 0
Power Gain vs. Collector Current
Collector Current IC (mA)
12
5
10
20
50
20
16
12
8
4
0
VCE = 5 V
f = 900 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com