Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C86 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # 32C86
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C86 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button 32C86 Datasheet HTML 28Page - Renesas Technology Corp 32C86 Datasheet HTML 29Page - Renesas Technology Corp 32C86 Datasheet HTML 30Page - Renesas Technology Corp 32C86 Datasheet HTML 31Page - Renesas Technology Corp 32C86 Datasheet HTML 32Page - Renesas Technology Corp 32C86 Datasheet HTML 33Page - Renesas Technology Corp 32C86 Datasheet HTML 34Page - Renesas Technology Corp 32C86 Datasheet HTML 35Page - Renesas Technology Corp 32C86 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
Page 32
4. Special Function Registers (SFR)
7
6
f
o
5
0
0
2
,
9
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
8
4
0
0
B
3
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
031016
XX16
Timer B3 Register
TB3
031116
XX16
031216
XX16
Timer B4 Register
TB4
031316
XX16
031416
XX16
Timer B5 Register
TB5
031516
XX16
031616
031716
031816
031916
031A16
031B16
Timer B3 Mode Register
TB3MR
00XX 00002
031C16
Timer B4 Mode Register
TB4MR
00XX 00002
031D16
Timer B5 Mode Register
TB5MR
00XX 00002
031E16
031F16
External Interrupt Request Source Select Register
IFSR
0016
032016
032116
032216
032316
032416
UART3 Special Mode Register 4
U3SMR4
0016
032516
UART3 Special Mode Register 3
U3SMR3
0016
032616
UART3 Special Mode Register 2
U3SMR2
0016
032716
UART3 Special Mode Register
U3SMR
0016
032816
UART3 Transmit/Receive Mode Register
U3MR
0016
032916
UART3 Bit Rate Register
U3BRG
XX16
032A16
XX16
UART3 Transmit Buffer Register
U3TB
032B16
XX16
032C16
UART3 Transmit/Receive Control Register 0
U3C0
0000 10002
032D16
UART3 Transmit/Receive Control Register 1
U3C1
0000 00102
032E16
XX16
UART3 Receive Buffer Register
U3RB
032F16
XX16
033016
033116
033216
033316
033416
UART2 Special Mode Register 4
U2SMR4
0016
033516
UART2 Special Mode Register 3
U2SMR3
0016
033616
UART2 Special Mode Register 2
U2SMR2
0016
033716
UART2 Special Mode Register
U2SMR
0016
033816
UART2 Transmit/Receive Mode Register
U2MR
0016
033916
UART2 Bit Rate Register
U2BRG
XX16
033A16
XX16
UART2 Transmit Buffer Register
U2TB
033B16
XX16
033C16
UART2 Transmit/Receive Control Register 0
U2C0
0000 10002
033D16
UART2 Transmit/Receive Control Register 1
U2C1
0000 00102
033E16
XX16
UART2 Receive Buffer Register
U2RB
033F16
XX16
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com