Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4807 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4807
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4807 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4807 Datasheet HTML 1Page - Renesas Technology Corp 2SC4807 Datasheet HTML 2Page - Renesas Technology Corp 2SC4807 Datasheet HTML 3Page - Renesas Technology Corp 2SC4807 Datasheet HTML 4Page - Renesas Technology Corp 2SC4807 Datasheet HTML 5Page - Renesas Technology Corp 2SC4807 Datasheet HTML 6Page - Renesas Technology Corp 2SC4807 Datasheet HTML 7Page - Renesas Technology Corp 2SC4807 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4807
Rev.3.00 Aug 10, 2005 page 6 of 7
S Parameter
(VCE = 5 V, IC = 20 mA, ZO = 50
Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.525
–150.0
14.03
104.7
0.039
58.4
0.336
–75.5
200
0.533
–171.9
7.16
90.9
0.063
65.7
0.197
–89.9
300
0.542
177.6
4.75
83.2
0.089
69.6
0.157
–98.3
400
0.544
170.2
3.60
77.5
0.116
71.0
0.146
–104.0
500
0.547
163.8
2.91
72.1
0.143
71.5
0.145
–109.0
600
0.552
158.2
2.46
67.4
0.170
71.3
0.150
–113.7
700
0.555
152.6
2.14
63.3
0.197
70.5
0.158
–117.1
800
0.558
147.5
1.90
59.3
0.225
69.6
0.166
–121.0
900
0.570
142.4
1.72
55.2
0.254
68.4
0.175
–124.6
1000
0.569
137.4
1.58
51.9
0.280
67.2
0.186
–128.1
S Parameter
(VCE = 5 V, IC = 100 mA, ZO = 50
Ω, Emitter Common)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
100
0.488
–172.8
16.32
97.8
0.034
76.2
0.248
–116.9
200
0.502
176.3
8.08
88.0
0.066
78.6
0.195
–141.9
300
0.507
170.0
5.34
82.0
0.099
77.8
0.184
–152.2
400
0.507
163.6
4.03
77.2
0.132
76.4
0.181
–157.9
500
0.514
159.0
3.27
72.8
0.163
74.5
0.184
–161.8
600
0.513
153.6
2.75
68.8
0.195
72.7
0.189
–164.0
700
0.518
148.5
2.40
65.1
0.225
70.7
0.192
–165.8
800
0.524
144.0
2.13
61.3
0.254
68.5
0.196
–167.6
900
0.525
139.3
1.93
57.8
0.284
66.3
0.200
–169.4
1000
0.531
134.2
1.77
54.6
0.312
64.6
0.205
–170.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com