Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS3DPFS45 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS3DPFS45
Description  P-CHANNEL 45V - 0.080 ohm - 3A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS3DPFS45 Datasheet(HTML) 1 Page - STMicroelectronics

  STS3DPFS45 Datasheet HTML 1Page - STMicroelectronics STS3DPFS45 Datasheet HTML 2Page - STMicroelectronics STS3DPFS45 Datasheet HTML 3Page - STMicroelectronics STS3DPFS45 Datasheet HTML 4Page - STMicroelectronics STS3DPFS45 Datasheet HTML 5Page - STMicroelectronics STS3DPFS45 Datasheet HTML 6Page - STMicroelectronics STS3DPFS45 Datasheet HTML 7Page - STMicroelectronics STS3DPFS45 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
February 2002
.
STS3DPFS45
P-CHANNEL 45V - 0.080
Ω - 3A SO-8
STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
DESCRIPTION
This product associates the latest low voltage
StripFETœ in p-channel version to a low drop
Schottky diode. Such configuration is extremely
versatile in implementing, a large variety of DC-DC
converters for printers, portable equipment, and
cellular phones.
MOSFET ABSOLUTE MAXIMUM RATINGS
SCHOTTKY ABSOLUTE MAXIMUM RATINGS
MAIN PRODUCT CHARACTERISTICS
MOSFET
VDSS
RDS(on)
ID
45 V
< 0.11
Ω
3 A
SCHOTTKY
IF(AV)
VRRM
VF(MAX)
3 A
45 V
0.51 V
Symbol
Parameter
Value
Unit
VDS
Dain-source Voltage (VGS = 0)
45
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
45
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuos) at TC = 25°C
3A
ID
Drain Current (continuos) at TC = 100°C
1.9
A
IDM(•)
Drain Current (pulsed)
12
A
Ptot
Total Dissipation at TC = 25°C
2W
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
45
V
IF(RMS)
RMS Forward Curren
20
A
IF(AV)
Average Forward Current
TL=125 oC
δ =0.5
3A
IFSM
Surge Non Repetitive Forward Current
tp= 10 ms
Sinusoidal
75
A
IRRM
Repetitive Peak Reverse Current
tp=2
µs
F=1 kHz
1A
IRSM
Non Repetitive Peak Reverse Current
tp=100
µs1
A
dv/dt
Critical Rate Of Rise Of Reverse Voltage
10000
V/
µs
SO-8
INTERNAL SCHEMATIC DIAGRAM
(
•) Pulse width limited by safe operating area
Note: For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed


Similar Part No. - STS3DPFS45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Nov-2000
More results

Similar Description - STS3DPFS45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2DNFS30L STMICROELECTRONICS-STS2DNFS30L Datasheet
133Kb / 6P
N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Aug-2001
STS2DPFS20V STMICROELECTRONICS-STS2DPFS20V Datasheet
293Kb / 8P
P-CHANNEL 20V - 0.14 ohm - 2.5A SO-8 2.7V-DRIVE STripFET™ II MOSFET PLUS SCHOTTKY DIODE
Nov-2002
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STS3DPF20V STMICROELECTRONICS-STS3DPF20V Datasheet
259Kb / 8P
DUAL P-CHANNEL 20V - 0.090 ohm - 3A SO-8 STripFET™ POWER MOSFET
Jun-2002
STS3DPFS30L STMICROELECTRONICS-STS3DPFS30L Datasheet
72Kb / 5P
P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
May-2000
STS4DPFS20L STMICROELECTRONICS-STS4DPFS20L Datasheet
259Kb / 8P
P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Apr-2002
STS4DPFS2LS STMICROELECTRONICS-STS4DPFS2LS Datasheet
264Kb / 8P
P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Feb-2001
STS4DPFS30L STMICROELECTRONICS-STS4DPFS30L Datasheet
264Kb / 8P
P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Oct-2000
STS3DPF60L STMICROELECTRONICS-STS3DPF60L Datasheet
292Kb / 9P
DUAL P-CHANNEL 60V - 0.10 ohm - 3A SO-8 STripFET MOSFET
16-Sep-2004
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Nov-2000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com