Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4988 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4988
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4988 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4988 Datasheet HTML 1Page - Renesas Technology Corp 2SC4988 Datasheet HTML 2Page - Renesas Technology Corp 2SC4988 Datasheet HTML 3Page - Renesas Technology Corp 2SC4988 Datasheet HTML 4Page - Renesas Technology Corp 2SC4988 Datasheet HTML 5Page - Renesas Technology Corp 2SC4988 Datasheet HTML 6Page - Renesas Technology Corp 2SC4988 Datasheet HTML 7Page - Renesas Technology Corp 2SC4988 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC4988
Rev.3.00 Aug 10, 2005 page 3 of 7
Main Characteristics
1600
1200
800
400
0
Ambient Temperature Ta (°C)
50
100
150
200
Collector Power Dissipation Curve
200
160
120
80
40
Collector Current IC (mA)
12
5
10
20
100
V
= 5V
CE
0
50
DC Current Transfer Ratio
vs. Collector Current
12
10
8
6
4
2
Collector Current IC (mA)
0
1
2
5
10
20
100
50
V
= 5 V
CE
Gain Bandwidth Product
vs. Collector Current
1.8
1.6
1.4
1.2
1.0
12
5
10
20
Collector to Base Voltage VCB (V)
0.5
0.8
I
= 0
f = 1 MHz
E
Collector Output Capacitance vs.
Collector to Base Voltage
20
16
12
8
4
0
Collector Current IC (mA)
1
2
5
10
20
100
50
V
= 5V
f = 900 MHz
CE
Power Gain vs. Collector Current
5
4
3
2
1
0
Collector Current IC (mA)
1
2
5
10
20
100
50
V
= 5V
f = 900MHz
CE
Noise Figure vs. Collector Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com