Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32C8B Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 32C8B
Description  RENESAS MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C8B Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 32C8B Datasheet HTML 35Page - Renesas Technology Corp 32C8B Datasheet HTML 36Page - Renesas Technology Corp 32C8B Datasheet HTML 37Page - Renesas Technology Corp 32C8B Datasheet HTML 38Page - Renesas Technology Corp 32C8B Datasheet HTML 39Page - Renesas Technology Corp 32C8B Datasheet HTML 40Page - Renesas Technology Corp 32C8B Datasheet HTML 41Page - Renesas Technology Corp 32C8B Datasheet HTML 42Page - Renesas Technology Corp 32C8B Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
M32C/8B Group
5. Electrical Characteristics
REJ03B0242-0050 Rev.0.50 Oct 31, 2008
Page 39 of 67
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
Table 5.8
Electrical Characteristics (3/3) (VCC1 = VCC2 = 5.5 V, VSS = 0 V, Topr = 25
°C)
NOTES:
1. In single-chip mode, leave the output pins open and connect the input pins to VSS.
2. When setting the FMSTP bit in the FMR0 register to 1 (flash memory stopped) and running the program on
RAM.
3. When the FMR40 bit in the FMR4 register is set to 1 (low-speed access).
4. When the FMR40 bit is set to 1 and the MRS bit in the VRCR register is set to 1 (main voltage regulator stops).
5. When the MRS bit is set to 1.
6. When the MRS bit is set to 1 and the CM0 bit in the CM03 register is set to 0 (XCIN-XCOUT drive capability
Low).
Symbol Parameter
Condition(1)
Standard
Unit
Min. Typ. Max.
ICC
Power
supply
current
f(CPU) = 32 MHz
26
42
mA
f(CPU) = 16 MHz
16
mA
f(CPU) = 8 MHz
10
mA
f(CPU) = f(Ring)(3)
In on-chip oscillator low-power consumption mode
1.5
mA
In on-chip oscillator low-power consumption mode, flash memory is
stopped(2)
400
μA
f(CPU) = 32 kHz(4)
In low-power consumption mode, flash memory is operating
430
μA
f(CPU) = 32 kHz(5)
In low-power consumption mode, flash memory is stopped(2)
50
μA
Wait mode: f(CPU) = f(Ring)
After entering wait mode from on-chip oscillator low-power
consumption mode
110
μA
Wait mode: f(CPU) = 32kHz(6)
After entering wait mode from low-power consumption mode
10
μA
Stop mode (clock is stopped)
4
TBD
μA
Stop mode (clock is stopped) Topr = 85
°CTBD μA
VCC1 = VCC2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com