Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5051 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5051
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5051 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5051 Datasheet HTML 1Page - Renesas Technology Corp 2SC5051 Datasheet HTML 2Page - Renesas Technology Corp 2SC5051 Datasheet HTML 3Page - Renesas Technology Corp 2SC5051 Datasheet HTML 4Page - Renesas Technology Corp 2SC5051 Datasheet HTML 5Page - Renesas Technology Corp 2SC5051 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SC5051
Rev.3.00 Aug 10, 2005 page 3 of 5
Main Characteristics
200
160
120
80
40
Collector Current IC (mA)
12
5
10
20
50
V
= 5V
CE
0
DC Current Transfer Ratio
vs. Collector Current
12
10
8
6
4
2
12
5
10
20
50
Collector Current IC (mA)
V
= 5 V
CE
0
Gain Bandwidth Product
vs. Collector Current
0.9
0.8
0.7
0.6
0.5
12
5
10
20
Collector to Base Voltage VCB (V)
0.5
I
= 0
f = 1 MHz
E
0.4
Collector Output Capacitance vs.
Collector to Base Voltage
20
16
12
8
4
12
5
10
20
Collector Current IC (mA)
50
V
= 5V
f = 900 MHz
CE
0
Power Gain vs. Collector Current
5
4
3
2
1
1
2
510
20
Collector Current IC (mA)
50
0
V
= 5V
f = 900MHz
CE
Noise Figure vs. Collector Current
0
50
100
150
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
120
100
80
60
40
20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com