Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5080 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5080
Description  Silicon NPN Epitaxial
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5080 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC5080 Datasheet HTML 1Page - Renesas Technology Corp 2SC5080 Datasheet HTML 2Page - Renesas Technology Corp 2SC5080 Datasheet HTML 3Page - Renesas Technology Corp 2SC5080 Datasheet HTML 4Page - Renesas Technology Corp 2SC5080 Datasheet HTML 5Page - Renesas Technology Corp 2SC5080 Datasheet HTML 6Page - Renesas Technology Corp 2SC5080 Datasheet HTML 7Page - Renesas Technology Corp 2SC5080 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5080
Rev.3.00 Aug 10, 2005 page 6 of 7
S Parameters
(VCE = 5 V, IC = 5 mA, ZO = 50
Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.798
–30.8
11.47
157.3
0.0329
73.0
0.936
–20.0
400
0.699
–60.8
9.88
139.6
0.0570
60.8
0.820
–35.1
600
0.592
–83.0
8.35
126.1
0.0718
53.0
0.703
–46.0
800
0.532
–99.9
7.03
115.7
0.0817
48.0
0.607
–54.0
1000
0.465
–114.5
6.02
107.6
0.0891
45.4
0.532
–59.8
1200
0.432
–128.2
5.23
101.0
0.0939
44.6
0.478
–64.3
1400
0.401
–139.6
4.58
95.2
0.0993
44.1
0.440
–67.7
1600
0.390
–150.2
4.14
90.7
0.103
44.8
0.405
–71.6
1800
0.373
–160.5
3.76
86.4
0.108
45.1
0.382
–74.7
2000
0.373
–168.3
3.42
82.6
0.112
46.5
0.362
–77.9
S Parameters
(VCE = 5 V, IC = 20 mA, ZO = 50
Ω)
Freq.
S11
S21
S12
S22
(MHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.588
–53.1
21.24
144.3
0.0275
66.3
0.826
–31.8
400
0.482
–89.8
15.59
123.6
0.0423
56.6
0.619
–49.8
600
0.419
–115.9
11.75
111.0
0.0507
53.9
0.480
–58.7
800
0.389
–134.1
9.29
102.4
0.0581
54.5
0.395
–63.8
1000
0.366
–149.7
7.64
96.5
0.0652
55.8
0.337
–67.6
1200
0.365
–161.9
6.47
91.4
0.0726
57.3
0.300
–70.1
1400
0.354
–171.4
5.63
97.1
0.0806
58.7
0.274
–72.8
1600
0.356
–179.7
4.98
83.5
0.0877
60.4
0.255
–74.6
1800
0.361
172.7
4.48
79.9
0.0959
61.2
0.242
–77.1
2000
0.365
165.3
4.06
77.0
0.105
62.4
0.232
–79.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com