Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5081 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC5081
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5081 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC5081 Datasheet HTML 1Page - Renesas Technology Corp 2SC5081 Datasheet HTML 2Page - Renesas Technology Corp 2SC5081 Datasheet HTML 3Page - Renesas Technology Corp 2SC5081 Datasheet HTML 4Page - Renesas Technology Corp 2SC5081 Datasheet HTML 5Page - Renesas Technology Corp 2SC5081 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5081
Rev.3.00 Aug 10, 2005 page 2 of 5
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown voltage
V(BR)CBO
15
—
—
V
IC = 10
µA, IE = 0
Collector cutoff current
ICBO
—
—
1
µA
VCB = 12 V, IE = 0
ICEO
—
—
1
mA
VCE = 8 V, RBE =
∞
Emitter cutoff current
IEBO
—
—
10
µA
VEB = 1.5 V, IC = 0
DC current transfer ratio
hFE
50
90
160
VCE = 5 V, IC = 20 mA
Collector output capacitance
Cob
—
0.4
0.75
pF
VCB = 5 V, IE = 0, f = 1 MHz
Gain bandwidth product
fT
10.5
13.5
—
GHz
VCE = 5 V, IC = 20 mA
Power gain
PG
15
18
—
dB
VCE = 5 V, IC = 20 mA,
f = 900 MHz
Noise figure
NF
—
1.1
2.0
dB
VCE = 5 V, IC = 5 mA,
f = 900 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com