Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5544 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5544
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5544 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC5544 Datasheet HTML 1Page - Renesas Technology Corp 2SC5544 Datasheet HTML 2Page - Renesas Technology Corp 2SC5544 Datasheet HTML 3Page - Renesas Technology Corp 2SC5544 Datasheet HTML 4Page - Renesas Technology Corp 2SC5544 Datasheet HTML 5Page - Renesas Technology Corp 2SC5544 Datasheet HTML 6Page - Renesas Technology Corp 2SC5544 Datasheet HTML 7Page - Renesas Technology Corp 2SC5544 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5544
Rev.2.00 Aug 10, 2005 page 6 of 7
Sparameter
(VCE = 1V, IC = 5mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.806
–34.7
14.09
156.3
0.0395
71.3
0.905
–24.2
200
0.706
–66.0
11.64
136.7
0.0691
57.5
0.739
–44.3
300
0.617
–90.3
9.35
122.8
0.0860
49.4
0.586
–58.1
400
0.562
–108.0
7.66
113.8
0.0965
45.8
0.474
–67.6
500
0.527
–121.9
6.40
106.7
0.104
44.3
0.392
–74.9
600
0.500
–133.0
5.47
101.7
0.110
43.9
0.331
–81.1
700
0.487
–142.3
4.78
97.0
0.115
44.5
0.284
–86.2
800
0.480
–149.3
4.24
93.7
0.121
45.4
0.247
–91.2
900
0.481
–155.4
3.81
90.5
0.127
46.3
0.217
–96.2
1000
0.472
–161.4
3.46
87.8
0.132
47.7
0.193
–100.8
1100
0.473
–166.6
3.18
85.1
0.138
48.9
0.174
–106.2
1200
0.475
–170.5
2.94
82.8
0.144
50.3
0.157
–111.2
1300
0.478
–174.4
2.73
80.6
0.150
51.7
0.145
–115.7
1400
0.482
–178.1
2.56
78.6
0.157
52.8
0.135
–122.6
1500
0.488
178.4
2.41
76.6
0.163
53.7
0.125
–128.1
1600
0.494
175.9
2.28
74.9
0.171
55.0
0.119
–134.2
1700
0.503
172.5
2.16
73.2
0.177
55.9
0.116
–140.3
1800
0.509
169.9
2.06
71.4
0.185
56.9
0.114
–147.1
1900
0.515
167.7
1.97
69.8
0.191
57.5
0.114
–153.3
2000
0.520
165.8
1.89
68.4
0.199
58.3
0.115
–159.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com