Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306H3FCFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M306H3FCFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306H3FCFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M306H3FCFP Datasheet HTML 5Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 6Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 7Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 8Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 9Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 10Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 11Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 12Page - Renesas Technology Corp M306H3FCFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 325 page
background image
Rev.1.00
2004.03.23
page 9 of 320
M306H3MC-XXXFP/FCFP
Table 1.5.3 Pin Description
Signal name
Function
Pin name
I/O type
Synchronous
slice level input
SVREF
Input
When slice the vertical synchronous signal, input slice power.
Composite
video signal
input 1
CVIN1
Input
This pin inputs the external composite video signal. Data slices this
signal internally by setting.
Composite
video signal
input 2
SYNCIN
Input
Oscillation
selection input
START
Input
This pin selects the oscillation circuit. XIN-XOUT circuit is selected when
this pin is "H"; XCIN-XCOUT circuit is selected when this pin is "L".
Filter output 1
LP2
Output
This is a filter output pin 1 (for fSC).
Filter output 2
LP3
Output
This is a filter output pin 2 (for VPS).
fsc input pin for
synchronous
signal
generation
FSCIN
Input
Sub-carrier (fsc) input pin for synchronous signal generation.
Filter output 3
LP4
Output
This is a filter output pin 3 (for PDC).
Test input
TEST1
Input
This is a test pin. Connect a condencer.
Test input
TEST2
Input
This is a test pin. Connect this pin to the VSS.
This pin inputs the external composite video signal. Synchronous
devides this signal internally.
Power supply
input
VDD2, VSS2
Analog power supply pin. Apply 4.75 V to 5.25 V to the VDD2 pin.
Apply 0 V to the VSS2 pin
Power supply
input
VDD3, VSS3
Analog power supply pin. Apply 4.75 V to 5.25 V to the VDD3 pin.
Apply 0 V to the VSS3 pin
Mode selection
input
(M1 input)
M1
Input
In the flash memory version, connect this pin to the VCC when use
microprocessor mode or memory expansion mode. Connect it to the
VSS when use standard serial I/O mode (single-chip mode).
In the mask ROM version, connect this pin to the VSS or the VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com