Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5555 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5555
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5555 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC5555 Datasheet HTML 1Page - Renesas Technology Corp 2SC5555 Datasheet HTML 2Page - Renesas Technology Corp 2SC5555 Datasheet HTML 3Page - Renesas Technology Corp 2SC5555 Datasheet HTML 4Page - Renesas Technology Corp 2SC5555 Datasheet HTML 5Page - Renesas Technology Corp 2SC5555 Datasheet HTML 6Page - Renesas Technology Corp 2SC5555 Datasheet HTML 7Page - Renesas Technology Corp 2SC5555 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SC5555
Rev.3.00 Nov 14, 2006 page 7 of 7
Package Dimensions
A
D
E
L
HE
LP
A2
A1
A
c
A
A
b
xS
A
M
S
e
e
b2
I1
e1
Pattern of terminal position areas
A
A1
A2
b
c
D
E
e
HE
L
LP
x
b2
e1
I1
0.55
0
0.55
0.15
0.1
1.35
0.7
1.15
0.1
0.15
Min
Nom
Dimension in Millimeters
Reference
Symbol
Max
0.2
0.15
1.4
0.8
0.45
1.2
0.2
0.75
0.6
0.01
0.59
0.3
0.25
1.45
0.9
1.25
0.3
0.45
0.05
0.35
0.5
b
A-A Section
c
SC-89 Modified
0.0016g
MASS[Typ.]
MFPAK / MFPAKV
PUSF0003ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
MFPAK
Ordering Information
Part Name
Quantity
Shipping Container
2SC5555ZD-TR-E
9000 pcs.
φ 178 mm Reel, 8 mm Emboss Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com