Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M306V2EEFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M306V2EEFP Datasheet HTML 17Page - Renesas Technology Corp M306V2EEFP Datasheet HTML 18Page - Renesas Technology Corp M306V2EEFP Datasheet HTML 19Page - Renesas Technology Corp M306V2EEFP Datasheet HTML 20Page - Renesas Technology Corp M306V2EEFP Datasheet HTML 21Page - Renesas Technology Corp M306V2EEFP Datasheet HTML 22Page - Renesas Technology Corp M306V2EEFP Datasheet HTML 23Page - Renesas Technology Corp M306V2EEFP Datasheet HTML 24Page - Renesas Technology Corp M306V2EEFP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 21 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.3.3 Device’s internal status after a reset is cleared (1)
X : Nothing is mapped to this bit
? : Undefined
(000416)···
Processor mode register 0 (Note)
0016
(000516)···
Processor mode register 1
0
0
0
(000616)···
System clock control register 0
(000716)···
System clock control register 1
(000916)···
Address match interrupt
enable register
0
0
Protect register(000A16)···
00
0
(000F16)···
Watchdog timer control register
0
0?
0
????
(001416)···
Address match interrupt register 1
(001516)···
(001616)···
0
0016
0016
0 0 0
(002C16)···
DMA0 control register
0 0 00 0?00
(003C16)···
DMA1 control register
0 0 00 0?00
(001016)···
Address match interrupt register 0
(001116)···
(001216)···
0
0016
0016
0 0 0
(004416)···
OSD1 interrupt control register
?000
(004816)···
OSD2 interrupt control register
?000
4816
2016
0
0
0
(004B16)···
DMA0 interrupt control register
? 0 0 0
(004C16)···
DMA1 interrupt control register
? 0 0 0
(004A16)···
Bus collision detection interrupt
control register
0 0 0
?
UART2 transmit interrupt
control register
UART2 receive interrupt
control register
UART0 transmit interrupt
control register
UART0 receive interrupt
control register
Data slicer interrupt control register
VSYNC interrupt control register
(004F16)···
(005016)···
(005116)···
(005216)···
(005316)···
(005416)···
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
Timer A0 interrupt control register
Timer A1 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
(005516)···
(005616)···
(005716)···
(005816)···
(005916)···
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
A-D conversion interrupt
control register
(004E16)···
? 0 0 0
Multi-master I2C-BUS interface 0
interrupt control register
(004D16)···
? 0 0 0
0
(004916)···
Multi-master I2C-BUS interface 1
interrupt control register
?000
00
Timer B0 interrupt control register
Timer B1 interrupt control register
Timer B2 interrupt control register
INT0 interrupt control register
INT1 interrupt control register
(005A16)···
(005B16)···
? 0 0 0
? 0 0 0
(005C16)···
? 0 0 0
(005D16)···
? 000
00
(005E16)···
? 000
00
Clock control register
I/O polarity control register
Horizontal position register
OSD control register 1
OSD control register 3
OSD control register 2
Raster color register
(020516)···
0016
(020616)···
0016
(020316)···
0016
(020416)···
0016
(020216)···
0016
(020716)···
(020816)···
0016
SPRITE horizontal position register
(high-order)
Left border control register
Right border control register
(027916)···
(027016)···
(027216)···
(027316)···
0016
0116
(027116)···
0
00
0
00
0
00
SPRITE OSD control register
(020116)···
0
00
0
0
00 00
0
0
10
(020916)···
0016
OSD reserved register 3
HSYNC counter register
Peripheral mode register
(027B16)···
(027E16)···
(027D16)···
0
00
00
00 0 0 0
0016
OSD reserved register 4
(027A16)···
00
00
0
00
OSD reserved register 2
(027C16)···
0016
Data slicer control register 1
Data slicer control register 2
Caption position register
OSD control register 4
(026016)···
0016
(026116)···
0
00
(026616)···
?
?? ??
0
00
?
00 0
0
(025F16)···
0
0
OSD reserved register 1
(025D16)···
0016
Clock run-in detect register
Data clock position register
(026916)···
0016
(026A16)···
00
01
0
Data slicer reserved register 2(026716)···
0016
Data slicer reserved register 1(026816)···
0016
The content of other registers and RAM is undefined when the microcomputer is reset. The initial values
must therefore be set.
Note: When the VCC level is applied to the CNVSS pin, it is 0316 at a reset.
(000816)···
Chip select control register
0116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com