Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V8FJFP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M306V8FJFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V8FJFP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M306V8FJFP Datasheet HTML 17Page - Renesas Technology Corp M306V8FJFP Datasheet HTML 18Page - Renesas Technology Corp M306V8FJFP Datasheet HTML 19Page - Renesas Technology Corp M306V8FJFP Datasheet HTML 20Page - Renesas Technology Corp M306V8FJFP Datasheet HTML 21Page - Renesas Technology Corp M306V8FJFP Datasheet HTML 22Page - Renesas Technology Corp M306V8FJFP Datasheet HTML 23Page - Renesas Technology Corp M306V8FJFP Datasheet HTML 24Page - Renesas Technology Corp M306V8FJFP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 365 page
background image
M306V8FJFP
Rev.1.31
Apr 18, 2005
page 21 of 363
REJ03B0082-0131
03C016
03C116
03C216
03C316
03C416
03C516
03C616
03C716
03C816
03C916
03CA16
03CB16
03CC16
03CD16
03CE16
03CF16
03D016
03D116
03D216
03D316
03D416
03D516
03D616
03D716
03D816
03D916
03DA16
03DB16
03DC16
03DD16
03DE16
03DF16
03E016
03E116
03E216
03E316
03E416
03E516
03E616
03E716
03E816
03E916
03EA16
03EB16
03EC16
03ED16
03EE16
03EF16
03F016
03F116
03F216
03F316
03F416
03F516
03F616
03F716
03F816
03F916
03FA16
03FB16
03FC16
03FD16
03FE16
03FF16
Notes 1: The blank areas are reserved and cannot be accessed by users.
2: At hardware reset 1 or hardware reset 2, the register is as follows
:
• “000000002” where “L” is inputted to the CNVSS1 pin
• “000000102” where “H” is inputted to the CNVSS1 pin
At software reset, watchdog timer reset, the register is as follows:
• “000000002” where the PM01 to PM00 bits in the PM0 register are “002” (single-chip mode)
• “000000102” where the PM01 to PM00 bits in the PM0 register are “002” (memory expansion mode) or
“112” (microprocessor mode)
X : Nothing is mapped to this bit
? : This bit is indeterminate.
A/D register 7
AD7
????????2
XXXXXX??2
Reserved register
Reserved register
Reserved register
Reserved register
RSVREG03C0
RSVREG03C1
RSVREG03C2
RSVREG03C3
RSVREG03C4
RSVREG03C5
????????2
XXXXXX??2
Reserved register
????????2
XXXXXX??2
Reserved register
????????2
XXXXXX??2
A/D register 3
AD3
????????2
XXXXXX??2
A/D register 4
AD4
????????2
XXXXXX??2
A/D register 5
AD5
????????2
XXXXXX??2
A/D register 6
AD6
????????2
XXXXXX??2
A/D control register 0
ADCON0
00000???2
Reserved register
RSVREG03D8
RSVREG03DC
RSVREG03DA
16
Reserved register
??
??
16
Reserved register
RSVREG03DE
RSVREG03DF
RSVREG03F5
RSVREG03F7
RSVREG03F8
RSVREG03F9
RSVREG03FA
RSVREG03FB
P0
P3
P4
P5
P6
P7
P8
P9
P2
0016
A/D control register 2
ADCON2
0016
A/D control register 1
ADCON1
0016
Port P0 register
??16
Port P0 direction register
PD0
0016
Port P1 register
P1
??16
Port P1 direction register
PD1
0016
Port P2 register
??16
Port P2 direction register
PD2
0016
Port P3 register
??16
Port P3 direction register
PD3
0016
Port P4 register
?? 16
Port P4 direction register
PD4
0016
Port P5 register
??16
Port P5 direction register
PD5
0016
Port P6 register
??16
Port P6 direction register
PD6
0016
Port P7 register
?
?
?
?
16
Port P7 direction register
PD7
0016
Port P8 register
??
16
Port P8 direction register
PD8
00X000002
Port P9 register
16
Port P9 direction register
PD9
0016
Port P10 register
P10
??16
Port P10 direction register
PD10
0016
Pull-up control register 0
PUR0
0016
Pull-up control register 1
PUR1
000000002
000000102
Pull-up control register 2
PUR2
0016
Port control register
PCR
0016
Reserved register
XX00XXXX2
Reserved register
0016
Rserved register
??16
Reserved register
??16
Reserved register
??16
Reserved register
0016
Reserved register
0016
Reserved register
0016
Register
Symbol
After reset
Address
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com