Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5849 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5849
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5849 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC5849 Datasheet HTML 1Page - Renesas Technology Corp 2SC5849 Datasheet HTML 2Page - Renesas Technology Corp 2SC5849 Datasheet HTML 3Page - Renesas Technology Corp 2SC5849 Datasheet HTML 4Page - Renesas Technology Corp 2SC5849 Datasheet HTML 5Page - Renesas Technology Corp 2SC5849 Datasheet HTML 6Page - Renesas Technology Corp 2SC5849 Datasheet HTML 7Page - Renesas Technology Corp 2SC5849 Datasheet HTML 8Page - Renesas Technology Corp 2SC5849 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2SC5849
Rev.1.00 Aug 10, 2005 page 7 of 8
(VCE = 1 V, IC = 20 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.504
–90.3
33.79
132.5
0.021
61.4
0.674
–44.5
200
0.490
–128.6
21.25
112.9
0.030
57.6
0.431
–61.0
300
0.488
–146.2
14.78
103.3
0.037
60.2
0.309
–67.9
400
0.487
–156.3
11.31
97.4
0.045
63.7
0.247
–71.1
500
0.492
–162.8
9.13
93.3
0.053
66.0
0.210
–73.2
600
0.492
–167.0
7.65
90.0
0.062
68.0
0.187
–75.1
700
0.497
–170.8
6.58
87.2
0.070
69.6
0.171
–76.7
800
0.492
–174.1
5.78
84.4
0.079
70.4
0.160
–78.2
900
0.496
–177.0
5.13
82.6
0.088
71.2
0.152
–79.9
1000
0.498
–178.4
4.65
80.2
0.097
71.7
0.147
–81.4
1100
0.500
178.2
4.24
78.3
0.106
72.0
0.145
–83.2
1200
0.503
177.5
3.90
76.1
0.116
72.4
0.143
–85.1
1300
0.503
175.2
3.63
74.3
0.123
72.1
0.143
–87.2
1400
0.506
173.7
3.38
72.6
0.132
72.4
0.144
–88.8
1500
0.503
172.0
3.17
70.9
0.141
72.3
0.144
–91.2
1600
0.507
170.6
2.99
69.4
0.150
72.1
0.146
–92.8
1700
0.516
168.9
2.82
67.7
0.159
72.0
0.148
–95.0
1800
0.511
167.3
2.68
66.0
0.169
71.7
0.151
–97.0
1900
0.515
165.6
2.56
64.6
0.177
71.4
0.154
–99.0
2000
0.514
165.1
2.45
63.0
0.187
70.8
0.158
–100.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com