Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD468 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SD468
Description  Silicon NPN Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD468 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SD468 Datasheet HTML 1Page - Renesas Technology Corp 2SD468 Datasheet HTML 2Page - Renesas Technology Corp 2SD468 Datasheet HTML 3Page - Renesas Technology Corp 2SD468 Datasheet HTML 4Page - Renesas Technology Corp 2SD468 Datasheet HTML 5Page - Renesas Technology Corp 2SD468 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00 Aug 10, 2005 page 1 of 5
2SD468
Silicon NPN Epitaxial
REJ03G0766-0200
(Previous ADE-208-1135)
Rev.2.00
Aug.10.2005
Application
• Low frequency power amplifier
• Complementary pair with 2SB562
Outline
1. Emitter
2. Collector
3. Base
RENESAS Package code: PRSS0003DC-A
(Package name: TO-92 Mod)
3
2
1
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
25
V
Collector to emitter voltage
VCEO
20
V
Emitter to base voltage
VEBO
5
V
Collector current
IC
1.0
A
Collector peak current
iC(peak)
1.5
A
Collector power dissipation
PC
0.9
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C


Similar Part No. - 2SD468

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD468 HITACHI-2SD468 Datasheet
30Kb / 6P
Silicon NPN Epitaxial
logo
Unisonic Technologies
2SD468 UTC-2SD468 Datasheet
97Kb / 3P
LOW FREQUENCY POWER AMPLIFIER
2SD468 UTC-2SD468 Datasheet
117Kb / 4P
LOW FREQUENCY POWER AMPLIFIER
logo
Micro Commercial Compon...
2SD468 MCC-2SD468 Datasheet
250Kb / 4P
NPN Epitaxial Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
2SD468 WINNERJOIN-2SD468 Datasheet
124Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SD468

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com