Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2213 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD2213
Description  Silicon NPN Epitaxial, Darlington
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2213 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD2213 Datasheet HTML 1Page - Renesas Technology Corp 2SD2213 Datasheet HTML 2Page - Renesas Technology Corp 2SD2213 Datasheet HTML 3Page - Renesas Technology Corp 2SD2213 Datasheet HTML 4Page - Renesas Technology Corp 2SD2213 Datasheet HTML 5Page - Renesas Technology Corp 2SD2213 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD2213
Rev.2.00 Aug 10, 2005 page 3 of 5
Main Characteristics
0
0.4
0.8
1.2
50
Ambient Temperature Ta (°C)
Maximum Collector Dissipation Curve
100
150
0.01
0.1
0.03
0.3
1
3
10
3
1
Collector to Emitter Voltage VCE (V)
Area of Safe Operation
10
30
100
Ta = 25
°C
1 Shot Pulse
iC(peak)
0.4
0
1.2
0.8
2
1.6
1
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
4
23
5
Ta = 25
°C
IB = 0
180 160 140
100
120
60
80
40
µA
0.01
100
300
3,000
10,000
1,000
100,000
30,000
0.03
0.1
Collector Current IC (A)
DC Current Transfer Ratio vs.
Collector Current
0.3
1.0
3
10
VCE = 2 V
Ta
=
75
°C
25
°C
–25
°C
0.3
0.1
3
1.0
10
0.01
Collector Current IC (A)
Collector to Emitter Saturation Voltage
vs. Collector Current
3
0.03
0.3
1.0
0.1
10
IC/IB = 100
Ta = –25
°C
25
°C
75
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com