Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB150NF55T4 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB150NF55T4
Description  N-channel 55V - 0.005廓 - 120A - D2PAK/TO-220/TO-247 STripFET??II Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB150NF55T4 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB150NF55T4 Datasheet HTML 9Page - STMicroelectronics STB150NF55T4 Datasheet HTML 10Page - STMicroelectronics STB150NF55T4 Datasheet HTML 11Page - STMicroelectronics STB150NF55T4 Datasheet HTML 12Page - STMicroelectronics STB150NF55T4 Datasheet HTML 13Page - STMicroelectronics STB150NF55T4 Datasheet HTML 14Page - STMicroelectronics STB150NF55T4 Datasheet HTML 15Page - STMicroelectronics STB150NF55T4 Datasheet HTML 16Page - STMicroelectronics STB150NF55T4 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STB150NF55 - STP150NF55 - STW150NF55
Package mechanical data
13/19
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com