Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW150NF55 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW150NF55
Description  N-channel 55V - 0.005廓 - 120A - D2PAK/TO-220/TO-247 STripFET??II Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW150NF55 Datasheet(HTML) 1 Page - STMicroelectronics

  STW150NF55 Datasheet HTML 1Page - STMicroelectronics STW150NF55 Datasheet HTML 2Page - STMicroelectronics STW150NF55 Datasheet HTML 3Page - STMicroelectronics STW150NF55 Datasheet HTML 4Page - STMicroelectronics STW150NF55 Datasheet HTML 5Page - STMicroelectronics STW150NF55 Datasheet HTML 6Page - STMicroelectronics STW150NF55 Datasheet HTML 7Page - STMicroelectronics STW150NF55 Datasheet HTML 8Page - STMicroelectronics STW150NF55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
June 2006
Rev 3
1/19
19
STB150NF55
STP150NF55 - STW150NF55
N-channel 55V - 0.005
Ω - 120A - D2PAK/TO-220/TO-247
STripFET™ II Power MOSFET
General features
■ 100% avalanche tested
Description
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB150NF55
55V
<0.006
Ω
120A(1)
1.
Current limited by package
STP150NF55
55V
<0.006
Ω
120A(1)
STW150NF55
55V
<0.006
Ω
120A(1)
D2PAK
1
2
3
1
3
TO-247
TO-220
www.st.com
Order codes
Sales type
Marking
Package
Packaging
STB150NF55T4
B150NF55
D2PAK
Tape & reel
STP150NF55
P150NF55
TO-220
Tube
STW150NF55
W150NF55
TO-247
Tube


Similar Part No. - STW150NF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW150NF55 STMICROELECTRONICS-STW150NF55 Datasheet
551Kb / 14P
N-CHANNEL 55V - 0.005 ohm -120A D²PAK/TO-220/TO-247 STripFET™ II POWER MOSFET
October 2002
logo
Inchange Semiconductor ...
STW150NF55 ISC-STW150NF55 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW150NF55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB150NF55 STMICROELECTRONICS-STB150NF55 Datasheet
551Kb / 14P
N-CHANNEL 55V - 0.005 ohm -120A D²PAK/TO-220/TO-247 STripFET™ II POWER MOSFET
October 2002
STW240NF55 STMICROELECTRONICS-STW240NF55 Datasheet
265Kb / 8P
N-CHANNEL 55V - 0.0027 ??- 120A TO-247 STripFET??II POWER MOSFET
May-2004
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Oct-1999
STB140NF55 STMICROELECTRONICS-STB140NF55_07 Datasheet
483Kb / 15P
N-channel 55V - 0.0065Ω - 80A - D2PAK - I2PAK - TO-220 STripFET™II Power MOSFET
02-Mar-2007
STB80PF55 STMICROELECTRONICS-STB80PF55_06 Datasheet
251Kb / 13P
P-channel 55V - 0.016Ω - 80A - TO-220 - D2PAK STripFET™II Power MOSFET
12-Sep-2006
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET??Power MOSFET
28-Jun-2007
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
01-Aug-2007
STB160N75F3_0710 STMICROELECTRONICS-STB160N75F3_0710 Datasheet
390Kb / 16P
N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
02-Oct-2007
STB180N55F3 STMICROELECTRONICS-STB180N55F3 Datasheet
440Kb / 14P
N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
01-Jun-2007
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06_06 Datasheet
449Kb / 17P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
24-Oct-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com