Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP185N10F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP185N10F3
Description  N-channel 100 V, 4.0 mΩ, 120 A, D2PAK, TO-220 STripFET™Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP185N10F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STP185N10F3 Datasheet HTML 1Page - STMicroelectronics STP185N10F3 Datasheet HTML 2Page - STMicroelectronics STP185N10F3 Datasheet HTML 3Page - STMicroelectronics STP185N10F3 Datasheet HTML 4Page - STMicroelectronics STP185N10F3 Datasheet HTML 5Page - STMicroelectronics STP185N10F3 Datasheet HTML 6Page - STMicroelectronics STP185N10F3 Datasheet HTML 7Page - STMicroelectronics STP185N10F3 Datasheet HTML 8Page - STMicroelectronics STP185N10F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
August 2008
Rev 1
1/12
12
STB185N10F3
STP185N10F3
N-channel 100 V, 4.0 m
Ω, 120 A, D2PAK, TO-220
STripFET™ Power MOSFET
Features
■ Ultra low on-resistance
■ 100% avalanche tested
Application
■ Switching application
– Automotive
Description
This n-channel enhancement mode Power
MOSFET is the latest refinement of
STMicroelectronics unique “single feature size”
strip-based process with less critical alignment
steps and therefore a remarkable manufacturing
reproducibility. The resulting transistor shows
extremely high packing density for low on
resistance, rugged avalanche characteristics and
low gate charge.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB185N10F3
100 V
4.5 m
Ω
120 A(1)
1.
Value limited by wire bonding
STP185N10F3
100 V
4.8 m
Ω
120 A(1)
D2PAK
1
3
TO-220
1
2
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB185N10F3
185N10F3
D2PAK
Tape and reel
STP185N10F3
185N10F3
TO-220
Tube
www.st.com


Similar Part No. - STP185N10F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP185N55 STMICROELECTRONICS-STP185N55 Datasheet
223Kb / 12P
N-channel 55V - 2.9mohm - 120A - D2PAK/TO-220
01-Aug-2006
STP185N55F3 STMICROELECTRONICS-STP185N55F3 Datasheet
335Kb / 14P
N-channel 55V - 3.2mΩ - 120A - D2PAK/TO-220 STripFET??Power MOSFET
28-Jun-2007
logo
Inchange Semiconductor ...
STP185N55F3 ISC-STP185N55F3 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP185N10F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB180N10F3 STMICROELECTRONICS-STB180N10F3 Datasheet
256Kb / 12P
N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
01-Aug-2008
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
14-Dec-2009
STB200N6F3 STMICROELECTRONICS-STB200N6F3 Datasheet
858Kb / 16P
N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
18-Nov-2009
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
12-Jan-2009
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
24-Apr-2014
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
16-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com